Electronic Components Datasheet Search
  English  ▼

X  

MAX2832 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2832
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2832 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2832 Datasheet HTML 2Page - Maxim Integrated Products MAX2832 Datasheet HTML 3Page - Maxim Integrated Products MAX2832 Datasheet HTML 4Page - Maxim Integrated Products MAX2832 Datasheet HTML 5Page - Maxim Integrated Products MAX2832 Datasheet HTML 6Page - Maxim Integrated Products MAX2832 Datasheet HTML 7Page - Maxim Integrated Products MAX2832 Datasheet HTML 8Page - Maxim Integrated Products MAX2832 Datasheet HTML 9Page - Maxim Integrated Products MAX2832 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
2.4GHz to 2.5GHz 802.11g/b
RF Transceivers with Integrated PA
6
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS—Tx Mode
(MAX2831 EV kit: VCC_ = 2.8V, VCCPA = VCCTXPA = 3.3V, TA = +25°C, fRF = 2.439GHz , fLO = 2.437GHz. fREF = 40MHz, SHDN =
RXTX = CS = high, and SCLK = DIN = low, with power matching for the differential RF pins using the typical applications circuit.
100mVRMS sine and cosine signal (or 100mVRMS 54Mbps IEEE 802.11g I/Q signals wherever OFDM is mentioned) applied to base-
band I/Q inputs of transmitter (differential DC-coupled). Registers set to recommend settings and corresponding test mode, unless
otherwise noted. RF inputs/outputs specifications are referenced to device pins and do not include 1dB loss from EV kit PCB, balun,
and SMA connectors.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSMIT SECTION: Tx BASEBAND I/Q INPUTS TO RF OUTPUTS
RF Output Frequency Range
2.4
2.5
GHz
Output power adjusted
to meet 5.6% EVM,
and spectral mask
18.5
54Mbps 802.11g
OFDM signal
B6:B1 = 000000
-7.5
MAX2831
802.11b signal,
141mVRMS,
IEEE802.11b I/Q
signals
Output power adjusted
to meet spectral mask
21
-3dB VGA back off
-5.3
Output Power
MAX2832
B6:B1 = 000000
-31.5
dBm
Unwanted Sideband Suppression
Without I/Q calibration, B6:B1 = 100001
-42
dBc
Carrier Leakage at Center
Frequency of Channel
Without DC offset correction
-30
dBc
1/3 x fLO
-67
< 1GHz
-36
> 1GHz
-47
2/3 x fLO
-64
4/3 x fLO
-42
5/3 x fLO
-65
8/3 x fLO
-51
2 x fLO
-33
Transmitter Spurious Signal
Emissions (MAX2831)
B6:B1 = 111000,
OFDM signal
3 x fLO
-54
dBm/
MHz
1/3 x fLO
-78
< 1GHz
-65
> 1GHz
-72
2/3 x fLO
-78
4/3 x fLO
-46
5/3 x fLO
-72
8/3 x fLO
-46
2 x fLO
-60
Transmitter Spurious Signal
Emissions (MAX2832)
B6:B1 = 111111,
OFDM signal
3 x fLO
-75
dBm/
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com