Electronic Components Datasheet Search
  English  ▼

X  

MUSES01 Datasheet(PDF) 10 Page - New Japan Radio

Part # MUSES01
Description  High Quality Audio , J-FET Input, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES01 Datasheet(HTML) 10 Page - New Japan Radio

Back Button MUSES01 Datasheet HTML 4Page - New Japan Radio MUSES01 Datasheet HTML 5Page - New Japan Radio MUSES01 Datasheet HTML 6Page - New Japan Radio MUSES01 Datasheet HTML 7Page - New Japan Radio MUSES01 Datasheet HTML 8Page - New Japan Radio MUSES01 Datasheet HTML 9Page - New Japan Radio MUSES01 Datasheet HTML 10Page - New Japan Radio MUSES01 Datasheet HTML 11Page - New Japan Radio MUSES01 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MUSES01
- 10 -
Ver.2009-12-18
COMMON-MODE REJECTION RATIO vs TEMPERATUER
(INPUT COMMON-MODE VOLTAGE)
V
+/V-=±16V
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
150
Temperature [℃]
Vicm=0V to -9V
0V to +9V
COMMON-MODE REJECTION RATIO vs TEMPERATURE
(INPUT COMMON-MODE VOLTAGE)
V
+/V-=±15V
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
150
Temperature [℃]
Vicm=0V to -8V
0V to +8V
COMMON-MODE REJECTION RATIO vs TEMPERATURE
(INPUT COMMON-MODE VOLTAGE)
V
+/V-=±9V
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
150
Temperature [℃]
Vicm=0V to -2V
0V to +2V
OP E N -LOOP V OLT A G E G A IN vs T E M P E R A T U R E
R
L = 2 ko h m
to 0V ,V +/V -=±9V ,V o= -4V to + 4V
0
10
20
30
40
50
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
150
T em perature [℃]
M A X IM U M OU T P U T V OLT A GE vs
LO A D R ESIST AN C E (T E M P E R AT U R E )
V +/V -=±16V ,G v= open,R
L to 0 V
-18
-15
-12
-9
-6
-3
0
3
6
9
12
15
18
10
100
1000
10000
100000
Load R esistance [ohm ]
85℃
25℃
-40℃
M A X IM U M OU T P U T V OLT A GE vs
LO AD R ESIS T AN C E (T E M PER AT U R E)
V +/V -=±15V ,G v= open,R
L to 0V
-16
-12
-8
-4
0
4
8
12
16
10
100
1000
10000
100000
Load R esistance [ohm ]
85℃
25℃
-40℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com