Electronic Components Datasheet Search
  English  ▼

X  

MUSES01 Datasheet(PDF) 6 Page - New Japan Radio

Part # MUSES01
Description  High Quality Audio , J-FET Input, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES01 Datasheet(HTML) 6 Page - New Japan Radio

Back Button MUSES01 Datasheet HTML 2Page - New Japan Radio MUSES01 Datasheet HTML 3Page - New Japan Radio MUSES01 Datasheet HTML 4Page - New Japan Radio MUSES01 Datasheet HTML 5Page - New Japan Radio MUSES01 Datasheet HTML 6Page - New Japan Radio MUSES01 Datasheet HTML 7Page - New Japan Radio MUSES01 Datasheet HTML 8Page - New Japan Radio MUSES01 Datasheet HTML 9Page - New Japan Radio MUSES01 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MUSES01
- 6 -
Ver.2009-12-18
C H A N N EL SEPAR AT IO N vs F R E Q U EN C Y
V + /V -=±16V ,A
V = -10 0, R S = 1 kohm , R L= 2 ko h m , V o = 5 V rm s, T a = 2 5 ℃
-180
-170
-160
-150
-140
-130
-120
10
100
1000
10000
100000
F requency [H z]
CH A N N E L S E P A R A T IO N vs F R E Q UE NC Y
V +/V -=±15V ,A
V = -100, R S =1 ko h m , R L= 2 ko h m , V o = 5 V rm s, T a = 2 5 ℃
-180
-170
-160
-150
-140
-130
-120
10
100
1000
10000
100000
F requency [H z]
C H A N N E L SEPAR AT IO N vs F R E Q U E N C Y
V +/V -=±9V ,A
V = -100, R S = 1 koh m , R L = 2 koh m , V o = 4V rm s, T a = 25 ℃
-180
-170
-160
-150
-140
-130
-120
10
100
1000
10000
100000
F requency [H z]
C LO S ED -LO O P G AIN /PH A SE vs
F R E Q U EN C Y (T E M PER AT U R E )
V +/V -=±16V , A
V =+10 0 , R S = 100ohm , R T = 5 0ohm ,R L = 2 kohm ,C L = 10pF
V
IN = -30dB m ,V icm = 0V
-60
-40
-20
0
20
40
60
1
10
100
1000
10000
100000
F requency [kH z]
-180
-120
-60
0
60
120
180
Gain
Phase
-40℃
Ta=25℃
85℃
C LO S E D -LO O P G AIN /P H AS E vs
F R E Q UE NCY (T E M P E R A T URE )
V +/V -=±15V , A
V = + 100, R S = 100ohm , R T = 50ohm ,R L =2ko hm ,C L = 10pF
V
IN = -30dB m ,V icm = 0 V
-60
-40
-20
0
20
40
60
1
10
100
1000
10000
100000
F requency [kH z]
-180
-120
-60
0
60
120
180
Gain
Phase
-40℃
Ta=25℃
85℃
C LO S E D LO O P G A IN /P H A S E vs
F RE Q U E NCY (T E M P E R A T URE )
V +/V -=±9V , A
V =+1 0 0, R S = 1 00ohm , R T = 50ohm , R L =2 koh m ,C L =1 0 pF
V
IN = -30dB m ,V icm = 0 V
-60
-40
-20
0
20
40
60
1
10
100
1000
10000
100000
F requency [kH z]
-180
-120
-60
0
60
120
180
Gain
P hase
-40℃
Ta=25℃
85℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com