Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFP
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFP Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5474IPFP Datasheet HTML 5Page - Texas Instruments ADS5474IPFP Datasheet HTML 6Page - Texas Instruments ADS5474IPFP Datasheet HTML 7Page - Texas Instruments ADS5474IPFP Datasheet HTML 8Page - Texas Instruments ADS5474IPFP Datasheet HTML 9Page - Texas Instruments ADS5474IPFP Datasheet HTML 10Page - Texas Instruments ADS5474IPFP Datasheet HTML 11Page - Texas Instruments ADS5474IPFP Datasheet HTML 12Page - Texas Instruments ADS5474IPFP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
ADS5474
www.ti.com......................................................................................................................................................... SLAS525A – JULY 2007 – REVISED AUGUST 2008
Table 1. TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
AIN
16
Differential input signal (positive)
AIN
17
Differential input signal (negative)
3, 8, 13, 14, 19, 21,
AVDD5
Analog power supply (5 V)
23, 25, 27, 31
Analog power supply (3.3 V) (Suggestion for
≤ 250 MSPS: leave option to connect to 5 V for
AVDD3
35, 37, 39
ADS5440/ADS5444 13-bit compatibility)
DVDD3
1, 51, 66
Digital and output driver power supply (3.3 V)
7, 9, 12, 15, 18, 20,
AGND
22, 24, 26, 28, 30,
Analog Ground
32, 34, 36, 38, 40
(Power Pad)
(not numbered)
Power Pad for thermal relief, also Analog Ground
DGND
2, 52, 65
Digital Ground
CLK
10
Differential input clock (positive). Conversion is initiated on rising edge, digital outputs on falling edge.
CLK
11
Differential input clock (negative)
D0, D0
48, 47
LVDS digital output pair, least significant bit (LSB)
D1–D12,
49, 50, 53–64,
LVDS digital output pairs
D1–D12
67–76
D13, D13
78, 77
LVDS digital output pair, most significant bit (MSB)
DRY, DRY
80, 79
Data ready LVDS output pair
No connect (pins 4 and 5 should be left floating; pins 43 to 46 are possible future bit additions for this
NC
4, 5, 43–46
pinout and therefore can be connected to a digital bus or left floating)
Overrange indicator LVDS output. A logic high signals an analog input in excess of the full-scale
OVR, OVR
42, 41
range.
Common-mode voltage output (3.1 V nominal). Commonly used in DC-coupled applications to set the
input signal to the correct common-mode voltage. A 0.1
µF capacitor from VCM to AGND is
VCM
29
recommended, but not required.
(This pin is not used on the ADS5440, ADS5444, and ADS5463)
Power-down (active high). Device is in sleep mode when PWD pin is logic HIGH. ADC converter is
PWD
33
awake when PWD is logic LOW (grounded).
(This pin is not used on the ADS5440, ADS5444, and ADS5463)
Reference voltage input/output (2.4 V nominal). A 0.1
µF capacitor from VREF to AGND is
VREF
6
recommended, but not required.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com