Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFP
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFP Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5474IPFP Datasheet HTML 11Page - Texas Instruments ADS5474IPFP Datasheet HTML 12Page - Texas Instruments ADS5474IPFP Datasheet HTML 13Page - Texas Instruments ADS5474IPFP Datasheet HTML 14Page - Texas Instruments ADS5474IPFP Datasheet HTML 15Page - Texas Instruments ADS5474IPFP Datasheet HTML 16Page - Texas Instruments ADS5474IPFP Datasheet HTML 17Page - Texas Instruments ADS5474IPFP Datasheet HTML 18Page - Texas Instruments ADS5474IPFP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
AVDD5
SupplyVoltage
V
-
-
71.0
70.5
70.0
69.5
69.0
68.5
68.0
4.7
4.8
4.9
5.0
5.3
5.1
5.2
f =400MSPS
f
=230MHz
S
IN
-
°
40 C
+25 C
°
+40 C
°
+65 C
°
+100 C
°
+85 C
°
0 C
°
AVDD3
SupplyVoltage
V
-
-
90
88
86
84
82
80
78
76
70
3.0
3.1
3.2
3.3
3.6
74
72
3.4
3.5
f =400MSPS
f
=230MHz
S
IN
-
°
40 C
+25 C
°
+40 C
°
+65 C
°
+100 C
°
+85 C
°
0 C
°
AVDD3
SupplyVoltage
V
-
-
71.0
70.5
70.0
69.5
69.0
68.5
68.0
3.0
3.1
3.2
3.3
3.6
3.4
3.5
f =400MSPS
f
=230MHz
S
IN
-40 C
°
+25 C
°
+40 C
°
+65 C
°
+100 C
°
+85 C
°
0 C
°
DVDD3
SupplyVoltage
V
-
-
90
88
86
84
82
80
78
76
70
3.0
3.1
3.2
3.3
3.6
74
72
3.4
3.5
f =400MSPS
f
=230MHz
S
IN
-
°
40 C
+100 C
°
0 C
°
+40 C
°
+65 C
°
+85 C
°
+25 C
°
ADS5474
www.ti.com......................................................................................................................................................... SLAS525A – JULY 2007 – REVISED AUGUST 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = 400 MSPS, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
SNR
SFDR
vs
vs
AVDD5 OVER TEMPERATURE
AVDD3 OVER TEMPERATURE
Figure 22.
Figure 23.
SNR
SFDR
vs
vs
AVDD3 OVER TEMPERATURE
DVDD3 OVER TEMPERATURE
Figure 24.
Figure 25.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com