Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFP
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFP Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5474IPFP Datasheet HTML 16Page - Texas Instruments ADS5474IPFP Datasheet HTML 17Page - Texas Instruments ADS5474IPFP Datasheet HTML 18Page - Texas Instruments ADS5474IPFP Datasheet HTML 19Page - Texas Instruments ADS5474IPFP Datasheet HTML 20Page - Texas Instruments ADS5474IPFP Datasheet HTML 21Page - Texas Instruments ADS5474IPFP Datasheet HTML 22Page - Texas Instruments ADS5474IPFP Datasheet HTML 23Page - Texas Instruments ADS5474IPFP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
18pF
AIN
AIN
VCM
ADS5474
+5V
THS4509
CM
348 W
348 W
100 W
100 W
78.9 W
78.9 W
49.9 W
VIN
From
50
Source
W
49.9 W
49.9 W
49.9 W
0.1 F
m
0.1 F
m
0.22 F
m
0.22 F
m
0.22 F
m
ADS5474
SLAS525A – JULY 2007 – REVISED AUGUST 2008......................................................................................................................................................... www.ti.com
For applications requiring dc-coupling with the signal source, a differential input/differential output amplifier such
as the THS4509 (shown in Figure 34) provides good harmonic performance and low noise over a wide range of
frequencies.
Figure 34. Using the THS4509 or THS4520 With the ADS5474
In this configuration, the THS4509 amplifier circuit provides 10 dB of gain, converts the single-ended input to
differential, and sets the proper input common-mode voltage to the ADS5474 by utilizing the VCM output pin of
the ADC. The 50-
Ω resistors and 18-pF capacitor between the THS4509 outputs and ADS5474 inputs (along
with the input capacitance of the ADC) limit the bandwidth of the signal to about 70 MHz (–3 dB). Input
termination is accomplished via the 78.9-
Ω resistor and 0.22-
µF capacitor to ground, in conjunction with the input
impedance of the amplifier circuit. A 0.22-
µF capacitor and 49.9-Ω resistor are inserted to ground across the
78.9-
Ω resistor and 0.22-
µF capacitor on the alternate input to balance the circuit. Gain is a function of the
source impedance, termination, and 348-
Ω feedback resistor. See the THS4509 data sheet for further
component values to set proper 50-
Ω termination for other common gains. Because the ADS5474 recommended
input common-mode voltage is 3.1 V, the THS4509 operates from a single power-supply input with VS+ = 5 V and
VS– = 0 V (ground). This configuration has the potential to slightly exceed the recommended output voltage from
the THS4509 of 3.6V due to the ADC input common-mode of 3.1V and the +0.55V full-scale signal. This will not
harm the THS4509 but may result in a degradation in the harmonic performance of the THS4509. An amplifier
with a wider recommended output voltage range is the THS4520, which is optimized for low noise and low
distortion in the range of frequencies up to ~20MHz. Applications that are not sensitive to harmonic distortion
could consider either device at higher frequencies.
20
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com