Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 10Page - Texas Instruments ADS5474IPFPR Datasheet HTML 11Page - Texas Instruments ADS5474IPFPR Datasheet HTML 12Page - Texas Instruments ADS5474IPFPR Datasheet HTML 13Page - Texas Instruments ADS5474IPFPR Datasheet HTML 14Page - Texas Instruments ADS5474IPFPR Datasheet HTML 15Page - Texas Instruments ADS5474IPFPR Datasheet HTML 16Page - Texas Instruments ADS5474IPFPR Datasheet HTML 17Page - Texas Instruments ADS5474IPFPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
InputAmplitude
dBFS
-
120
100
80
60
40
20
0
-20
-40
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
f =400MSPS
S
f
=70MHz
IN
SFDR(dBc)
SFDR(dBFS)
SNR(dBc)
SNR(dBFS)
InputAmplitude
dBFS
-
120
100
80
60
40
20
0
-20
-40
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
f =400MSPS
S
f
=230MHz
IN
SFDR(dBc)
SFDR(dBFS)
SNR(dBc)
SNR(dBFS)
AVDD5
SupplyVoltage
V
-
-
90
88
86
84
82
80
78
76
70
4.7
4.8
4.9
5.0
5.3
74
72
5.1
5.2
f =400MSPS
f
=230MHz
S
IN
-40 C
°
+25 C
°
+40 C
°
+65 C
°
+100 C
°
+85 C
°
0 C
°
A
dBFS
IN -
100
90
80
70
60
50
40
30
0
-100
-90
-80
-70
0
20
10
-60
-50
-40
-30
-20
-10
2f
f (dBc)
-
1
2
2f
f (dBc)
2
1
-
WorstSpur(dBc)
ADS5474
SLAS525A – JULY 2007 – REVISED AUGUST 2008......................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = 400 MSPS, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
AC PERFORMANCE
AC PERFORMANCE
vs
vs
INPUT AMPLITUDE (70 MHz Input Signal)
INPUT AMPLITUDE (230 MHz Input Signal)
Figure 18.
Figure 19.
TWO-TONE PERFORMANCE
SFDR
vs
vs
INPUT AMPLITUDE (f1 = 297.5 MHz and f2 = 302.5 MHz)
AVDD5 OVER TEMPERATURE
Figure 20.
Figure 21.
14
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com