Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 20Page - Texas Instruments ADS5474IPFPR Datasheet HTML 21Page - Texas Instruments ADS5474IPFPR Datasheet HTML 22Page - Texas Instruments ADS5474IPFPR Datasheet HTML 23Page - Texas Instruments ADS5474IPFPR Datasheet HTML 24Page - Texas Instruments ADS5474IPFPR Datasheet HTML 25Page - Texas Instruments ADS5474IPFPR Datasheet HTML 26Page - Texas Instruments ADS5474IPFPR Datasheet HTML 27Page - Texas Instruments ADS5474IPFPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
CLK
ADS5474
CLK
0.1
F
m
Clock
Source
ClockCommonMode
V
-
90
85
80
75
70
65
50
0
1
5
2
3
4
60
55
f =400MSPS
V
=3V
S
CLK
PP
230MHz
351MHz
70MHz
10MHz
ClockCommonMode
V
-
75
70
65
50
0
1
5
2
3
4
60
55
f =400MSPS
V
=3V
S
CLK
PP
230MHz
351MHz
70MHz
10MHz
ADS5474
SLAS525A – JULY 2007 – REVISED AUGUST 2008......................................................................................................................................................... www.ti.com
For jitter-sensitive applications, the use of a differential clock has some advantages at the system level. The
differential clock allows for common-mode noise rejection at the printed circuit board (PCB) level. With a
differential clock, the signal-to-noise ratio of the ADC is better for jitter-sensitive, high-frequency applications
because the board level clock jitter is superior.
Larger clock amplitude levels are recommended for high analog input frequencies or slow clock frequencies. In
the case of a sinusoidal clock, larger amplitudes result in higher clock slew rates and reduces the impact of clock
noise on jitter. At high analog input frequencies, the sampling process is sensitive to jitter. And at slow clock
frequencies, a small amplitude sinusoidal clock has a lower slew rate and can create jitter-related SNR
degradation. Figure 43 demonstrates a recommended method for converting a single-ended clock source into a
differential clock; it is similar to the configuration found on the evaluation board and was used for much of the
characterization. See also Clocking High Speed Data Converters (SLYT075) for more details.
Figure 43. Differential Clock
The common-mode voltage of the clock inputs is set internally to 2.4 V using internal 1-k
Ω resistors. It is
recommended to use ac coupling, but if this scheme is not possible, the ADS5474 features good tolerance to
clock common-mode variation (as shown in Figure 44 and Figure 45). Additionally, the internal ADC core uses
both edges of the clock for the conversion process. Ideally, a 50% duty-cycle clock signal should be provided.
Performance degradation as a result of duty cycle can be seen in Figure 46.
Figure 44. SFDR versus Clock Common Mode
Figure 45. SNR versus Clock Common Mode
24
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com