Electronic Components Datasheet Search
  English  ▼

X  

PMD9050D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMD9050D
Description  MOSFET driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD9050D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMD9050D Datasheet HTML 2Page - NXP Semiconductors PMD9050D Datasheet HTML 3Page - NXP Semiconductors PMD9050D Datasheet HTML 4Page - NXP Semiconductors PMD9050D Datasheet HTML 5Page - NXP Semiconductors PMD9050D Datasheet HTML 6Page - NXP Semiconductors PMD9050D Datasheet HTML 7Page - NXP Semiconductors PMD9050D Datasheet HTML 8Page - NXP Semiconductors PMD9050D Datasheet HTML 9Page - NXP Semiconductors PMD9050D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PMD9050D_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 27 November 2006
6 of 13
NXP Semiconductors
PMD9050D
MOSFET driver
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
When switched from IF = 400 mA to IR = 400 mA; RL = 100 Ω; measured at IR = 40 mA.
[3]
When switched from IF = 400 mA; tr =30ns.
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor with negative polarity
ICBO
collector-base cut-off
current
VCB =30V; IE = 0 A
-
-
50
nA
VCB =30V; IE =0A;
Tj = 150 °C
--10
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
100
nA
hFE
DC current gain
TR1 and TR3 (NPN) VCE =5V; IC = 1 mA
200
320
450
VCE =5V; IC = 100 mA
95
165
-
VCE =5V; IC = 200 mA
24
40
-
TR2 (PNP)
VCE =5V; IC = 1 mA
200
270
450
VCE =5V; IC = 100 mA
95
120
-
VCE =5V; IC = 200 mA
24
45
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
70
200
mV
IC = 100 mA; IB = 5 mA
-
200
400
mV
IC = 200 mA; IB = 20 mA
-
350
500
mV
VBEsat
base-emitter saturation
voltage
IC = 10 mA; IB = 0.5 mA
-
0.74
-
V
IC = 100 mA; IB = 5 mA
-
0.91
-
V
IC = 200 mA; IB =20mA
-
1
1.2
V
VBE
base-emitter voltage
VCE =5V; IC = 2 mA
-
660
-
mV
Diode (D1)
VF
forward voltage
IF = 200 mA
[1] -
-
1.1
V
IR
reverse current
VR = 60 V
-
-
100
nA
VR =60V; Tj = 150 °C
-
-
100
µA
trr
reverse recovery time
[2] --6
ns
VFR
forward recovery
voltage
[3] --2
V
Transistor 1 (TR1)
td
delay time
IC = 0.05 A; IBon = 2.5 mA;
IBoff = −2.5 mA
-12
-
ns
tr
rise time
-
78
-
ns
ton
turn-on time
-
90
-
ns
ts
storage time
-
853
-
ns
tf
fall time
-
205
-
ns
toff
turn-off time
-
1058
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com