Electronic Components Datasheet Search
  English  ▼

X  

PMD9050D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMD9050D
Description  MOSFET driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD9050D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMD9050D Datasheet HTML 3Page - NXP Semiconductors PMD9050D Datasheet HTML 4Page - NXP Semiconductors PMD9050D Datasheet HTML 5Page - NXP Semiconductors PMD9050D Datasheet HTML 6Page - NXP Semiconductors PMD9050D Datasheet HTML 7Page - NXP Semiconductors PMD9050D Datasheet HTML 8Page - NXP Semiconductors PMD9050D Datasheet HTML 9Page - NXP Semiconductors PMD9050D Datasheet HTML 10Page - NXP Semiconductors PMD9050D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PMD9050D_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 27 November 2006
7 of 13
NXP Semiconductors
PMD9050D
MOSFET driver
VCE =5V
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 4.
TR1 (NPN): DC current gain as a function of
collector current; typical values
Fig 5.
TR1 (NPN): Collector current as a function of
collector-emitter voltage; typical values
VCE =5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
IC/IB =20
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 6.
TR1 (NPN): Base-emitter voltage as a function
of collector current; typical values
Fig 7.
TR1 (NPN): Base-emitter saturation voltage as a
function of collector current; typical values
006aaa912
200
300
100
400
500
hFE
0
IC (mA)
10−1
103
102
110
(2)
(3)
(1)
006aaa913
VCE (V)
05
4
23
1
0.04
0.12
0.20
0.16
0.08
IC
(A)
0
IB (mA) = 5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
006aaa914
0.7
0.5
0.9
1.1
VBE
(V)
0.3
IC (mA)
10−2
103
102
10−1
10
1
(2)
(3)
(1)
006aaa915
0.8
0.6
1.0
1.2
VBEsat
(V)
0.4
IC (mA)
10−1
103
102
110
(2)
(3)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com