Electronic Components Datasheet Search
  English  ▼

X  

PMD9050D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMD9050D
Description  MOSFET driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD9050D Datasheet(HTML) 1 Page - NXP Semiconductors

  PMD9050D Datasheet HTML 1Page - NXP Semiconductors PMD9050D Datasheet HTML 2Page - NXP Semiconductors PMD9050D Datasheet HTML 3Page - NXP Semiconductors PMD9050D Datasheet HTML 4Page - NXP Semiconductors PMD9050D Datasheet HTML 5Page - NXP Semiconductors PMD9050D Datasheet HTML 6Page - NXP Semiconductors PMD9050D Datasheet HTML 7Page - NXP Semiconductors PMD9050D Datasheet HTML 8Page - NXP Semiconductors PMD9050D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
NPN transistor and high-speed switching diode supplemented by an NPN/PNP transistor
pair connected as a silicon-controlled switch in a SOT457 (SC-74) small Surface-Mounted
Device (SMD) plastic package.
1.2 Features
I General-purpose transistor and high-speed switching diode as driver
I Silicon-controlled switch to bypass the driver transistor
I Application-optimized pinout
I Internal connections to minimize layout effort
I Space-saving solution
I Reduces component count
1.3 Applications
I MOSFET driver with silicon-controlled switch
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
PMD9050D
MOSFET driver
Rev. 01 — 27 November 2006
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCEO
collector-emitter voltage
open base
-
-
45
V
IC
collector current
-
-
0.1
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
-
0.2
A
Diode (D1)
IF
forward current
-
-
0.2
A
VF
forward voltage
IF = 200 mA
[1] -
-
1.1
V
VR
reverse voltage
-
-
60
V


Similar Part No. - PMD9050D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD9050D PHILIPS-PMD9050D Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMD9050D NEXPERIA-PMD9050D Datasheet
253Kb / 14P
MOSFET driver
Rev. 01 - 27 November 2006
More results

Similar Description - PMD9050D

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
FDA215 CLARE-FDA215 Datasheet
82Kb / 4P
MOSFET Driver
logo
NXP Semiconductors
PMD2001D NXP-PMD2001D Datasheet
181Kb / 15P
MOSFET driver
Rev. 02-28 August 2009
PMD3001D NXP-PMD3001D Datasheet
180Kb / 16P
MOSFET driver
Rev. 02-28 August 2009
PMD5001K NXP-PMD5001K Datasheet
153Kb / 15P
MOSFET driver
Rev. 01-3 November 2006
PMD9002D NXP-PMD9002D Datasheet
129Kb / 15P
MOSFET driver
Rev. 01-20 November 2006
PMD9003D NXP-PMD9003D Datasheet
129Kb / 15P
MOSFET driver
Rev. 01-24 November 2006
PMD9010D NXP-PMD9010D Datasheet
148Kb / 16P
MOSFET driver
Rev. 01-20 November 2006
logo
ON Semiconductor
NCP81155 ONSEMI-NCP81155_17 Datasheet
68Kb / 8P
MOSFET Driver
October, 2017 ??Rev. P1
logo
IXYS Corporation
FDA215 IXYS-FDA215 Datasheet
102Kb / 5P
MOSFET Driver
logo
Nexperia B.V. All right...
PMD3001D NEXPERIA-PMD3001D Datasheet
295Kb / 17P
MOSFET driver
Rev. 02 - 28 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com