Electronic Components Datasheet Search
  English  ▼

X  

ZXFV401 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXFV401
Description  SYNC SEPARATOR WITH VARIABLE FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV401 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXFV401 Datasheet HTML 1Page - Zetex Semiconductors ZXFV401 Datasheet HTML 2Page - Zetex Semiconductors ZXFV401 Datasheet HTML 3Page - Zetex Semiconductors ZXFV401 Datasheet HTML 4Page - Zetex Semiconductors ZXFV401 Datasheet HTML 5Page - Zetex Semiconductors ZXFV401 Datasheet HTML 6Page - Zetex Semiconductors ZXFV401 Datasheet HTML 7Page - Zetex Semiconductors ZXFV401 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply voltage VCC
-0.5V to +7V
Inputs to ground*
-0.5V to VCC +0.5V
Operating Temperature Range
-40 C to 85 C Storage -65 C to +150 C
Operating Ambient Junction temperature TJMAX150 C**
**The thermal resistance from the semiconductor die to ambient is typically 120 C/W when the SO16 package is
mounted on a PCB in free air. The power dissipation of the device when loaded must be designed to keep the
device junction temperature below TJMAX.
*During power-up and power-down, these voltage ratings require that signals be applied only when the power
supply is connected.
ZXFV401
PROVISIONAL ISSUE A - FEBRUARY 2002
2
PARAMETER
CONDITIONS
TEST
MIN
TYP
MAX
UNIT
DC Characteristics
Supply current
P
4.5
mA
Clamp voltage
Pin 4 unloaded
P
1.3
1.35
1.8
V
Discharge current at FILTIN
Pin 4, Vin = 2V pk-pk
C
1
A
Discharge current at FILTIN
Pin 4, no signal
P
3
6
12
A
Clamp charge current at FILTIN
Pin 4, Vin = 1V pk-pk
P
2
3
4
mA
Clamp voltage at FVIDIN
Pin 8 unloaded
P
1.3
1.35
1.8
V
Discharge current at FVIDIN
Pin 8, Vin = 2V pk-pk
C
1
Discharge current at FVIDIN
Pin 8, no signal
P
3
6
12
Clamp charge current at FVIDIN
Pin 8, Vin = 1V pk-pk
P
2
3
4
mA
RSET voltage, pin 12
P
1.5
1.75
2
V
RFILT voltage, pin 1
P
0.35
0.5
0.65
V
RNOSIG current, pin 2
P
1.5
2.5
3.5
A
Logic output Low voltage, VOL
IOL = 1.6mA
P
0.35
0.8
V
Logic output High voltage, VOH
IOH = 1.6mA
P2.4
4
V
ELECTRICAL CHARACTERISTICS
VCC = 4.75 TO 5.25, RSET = 681k, RFILT = 22k, RNOSIG = 82k, Tamb =25 C unless otherwise stated.
TEST - P = production tested, C = characterised



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com