Electronic Components Datasheet Search
  English  ▼

X  

ZXFV401 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXFV401
Description  SYNC SEPARATOR WITH VARIABLE FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV401 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXFV401 Datasheet HTML 1Page - Zetex Semiconductors ZXFV401 Datasheet HTML 2Page - Zetex Semiconductors ZXFV401 Datasheet HTML 3Page - Zetex Semiconductors ZXFV401 Datasheet HTML 4Page - Zetex Semiconductors ZXFV401 Datasheet HTML 5Page - Zetex Semiconductors ZXFV401 Datasheet HTML 6Page - Zetex Semiconductors ZXFV401 Datasheet HTML 7Page - Zetex Semiconductors ZXFV401 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXFV401
PROVISIONAL ISSUE A - FEBRUARY 2002
4
PIN No.
PIN NAME
TYPE
FUNCTION
1
RFILT
Resistor
control
Controls the input colour carrier filter characteristic.
An external
resistor RFILT connected from this pin to 0V sets the bandwidth.
Smaller RFILT gives increased bandwidth. See the detailed operating
description below.
2
RNOSIG
Resistor
control
Controls the no-signal detector level.
An external resistor RNOSIG
connected from this pin to 0V sets the threshold voltage level, according
to the equation
VPMIN = 0.75 RNOSIG /RSET
where VPMIN is the minimum detected sync pulse amplitude at pin 4
and RSET is the resistor value at pin 12.
3
CSYNC
Logic out
Composite sync logic output. Includes all sync pulses derived from the
input video.
4
FILTIN
Analog in
Input to colour carrier filter.
This is the main analog (unfiltered)
composite video input used when colour carrier filtering is required. A
voltage clamp circuit and adaptive current source are also included at
this node. See the detailed operating description.
5
VAYNC
Logic out
Vertical sync output. This is an active low pulse commencing on the first
vertical sync pulse trailing (rising) edge and ending near the second
next equalising pulse. See timing diagram.
6
OVD
Ground
Provides ground return path for internal logic output buffer circuits.
Normally connected externally to a common PCB ground plane.
7
FILTOUT
Analog out Analog output signal from colour carrier filter. The filter voltage gain is
nominally 2. This output is normally capacitor-coupled to pin 8.
8
FVIDIN
Analog in
Input for filtered analog video signal input. This is the direct input to the
sample/hold and sync slicing comparator providing the logic timing
edges. This input is normally coupled via an external capacitor from
FILTOUT, pin 7. It may be used as the signal input where the colour
carrier filter is not required. Includes a clamp similar that of pin 4.
9
VLEV
Analog out Analog output, a positive voltage typically equal to twice the (negative)
peak sync pulse amplitude if the filter is used.
10
NOSIG
Logic out
Logic output, which goes high after a time-out delay when no signal is
present. The threshold level is controlled at pin 2.
11
BKPCH
Logic out
Burst or Back Porch logic output, an active low monostable pulse
triggered from rising composite sync pulse edges. The width is set by
RSET to overlap most of the steady part of the back porch, assuming the
colour carrier burst has been attenuated sufficiently by filtering. This
pulse is then suitable for controlling an external black level clamping
circuit. See the timing diagram.
12
RSET
Resistor
control
Controls the timing interval of the sample/hold circuit and the
monostable interval for the sync outputs according to the application.
An external resistor, RSET connected from this pin to 0V establishes the
timing parameter, to which these times are scaled together. See the
detailed operating description.
13
ODDFLD
Logic out
Odd field logic output. High during an odd numbered field, low during
even. This output is timed with the start of the VSYNC pulse.
14
V+
Power in
Power supply input, +5V.
15
HSYNC
Logic out
Horizontal sync logic output. Monostable output derived from CSYNC
falling edges, it achieves a steady stream of 5µs pulses. The half line
events during the field blanking interval are eliminated. See timing
diagram.
16
OVA
Ground
Analog ground.
Normally connected externally to a common PCB
ground plane.
CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com