Electronic Components Datasheet Search
  English  ▼

X  

ZXFV401 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXFV401
Description  SYNC SEPARATOR WITH VARIABLE FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV401 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXFV401 Datasheet HTML 1Page - Zetex Semiconductors ZXFV401 Datasheet HTML 2Page - Zetex Semiconductors ZXFV401 Datasheet HTML 3Page - Zetex Semiconductors ZXFV401 Datasheet HTML 4Page - Zetex Semiconductors ZXFV401 Datasheet HTML 5Page - Zetex Semiconductors ZXFV401 Datasheet HTML 6Page - Zetex Semiconductors ZXFV401 Datasheet HTML 7Page - Zetex Semiconductors ZXFV401 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXFV401
PROVISIONAL ISSUE A - FEBRUARY 2002
3
PARAMETER
CONDITIONS
TEST MIN
TYP
MAX
UNIT
AC Characteristics
FILTIN function input voltage range
PAL/NTSC
P
0.4
2
V pk-pk
Filter voltage gain
FILTIN to FILOUT
P
6
dB
Filter attenuation
4.4MHz for PAL,
3.6MHz for NTSC
C12
dB
Slice level
Vin = 1V pk-pk
P
40
50
60
%
CSYNC prop. Delay, tCS
Relative to pin 4 input
P
250
400
ns
VSYNC delay
P
250
ns
VSYNC pulse width, tVSYNC (PAL)
P
165
s
VSYNC pulse width, tVSYNC (NTSC)
P
195
s
VSYNC default delay, tVSD
P27
36
45
s
HSYNC delay
P
250
ns
HSYNC pulse width, tHSYNC
P
3.8
5
6.2
s
BKPCH delay, tBD
Relative to pin 4 input
P
250
400
ns
BKPCH pulse width, tB
P
2.7
3.7
4.7
s
VLEV output
Input 1 Vpk-pk, pin 4
P
500
600
700
mV
NOSIG time-out delay after loss of signal
P
600
s
ELECTRICAL CHARACTERISTICS (CONT)
VCC = 4.75 TO 5.25, RSET = 681k, RFILT = 22k, Tamb = 25 C unless otherwise stated.
TEST - P = production tested, C = characterised



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com