Electronic Components Datasheet Search
  English  ▼

X  

SI3452 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI3452
Description  QUAD HIGH-VOLTAGE PORT CONTROLLER FOR POE AND POE PSES
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3452 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI3452 Datasheet HTML 7Page - Silicon Laboratories SI3452 Datasheet HTML 8Page - Silicon Laboratories SI3452 Datasheet HTML 9Page - Silicon Laboratories SI3452 Datasheet HTML 10Page - Silicon Laboratories SI3452 Datasheet HTML 11Page - Silicon Laboratories SI3452 Datasheet HTML 12Page - Silicon Laboratories SI3452 Datasheet HTML 13Page - Silicon Laboratories SI3452 Datasheet HTML 14Page - Silicon Laboratories SI3452 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Si3452/3
Rev. 1.0
11
2. PSE System-Level Diagrams
Figure 2. 4-Port System with Direct Host Connection
3. PSE Application Diagrams
Figure 3. 4-Port Application Diagram Using DC– or dV/dt Disconnect and I2C Host Interface
Si3452/3
I2C
OTP
RAM
Mixed Signal
Resources
PSE State
Machines
and
Measurement
Subsystem
Host
Controller
I2C
INT
SDA
SCL
RST
Si8405 Digital
Isolator
Si3452/3
INT
RST
SCL
SDA
VREF
Si8405
Bidirectional
Isolator
Host / Switch
VDD
DGND
AGND
DET4
DET3
DET2
DET1
VOUT1
VOUT2
VOUT3
VOUT4
RBIAS
44.2 k
1%
VEE
PORT1
PORT2
PORT3
PORT4
GND12/34
VEE[4:1]
AD3
AD2
AD1
AD0
+3.3 V
Tie high
or low to
select
address
–54 V
1.1 V
(e.g. TLV431)
4x10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com