Electronic Components Datasheet Search
  English  ▼

X  

SI3452 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SI3452
Description  QUAD HIGH-VOLTAGE PORT CONTROLLER FOR POE AND POE PSES
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3452 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SI3452 Datasheet HTML 9Page - Silicon Laboratories SI3452 Datasheet HTML 10Page - Silicon Laboratories SI3452 Datasheet HTML 11Page - Silicon Laboratories SI3452 Datasheet HTML 12Page - Silicon Laboratories SI3452 Datasheet HTML 13Page - Silicon Laboratories SI3452 Datasheet HTML 14Page - Silicon Laboratories SI3452 Datasheet HTML 15Page - Silicon Laboratories SI3452 Datasheet HTML 16Page - Silicon Laboratories SI3452 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Si3452/3
Rev. 1.0
13
4.2. Classification
Following a successful PD detection, the classification phase will be automatically initiated in all operational
modes. During this phase, a single measurement will be made at 18 V to determine how much power the PD
device will draw under maximum loads per the IEEE 802.3af and 802.3at standards. The current limit during this
test mode is 60 mA nominal.
The Si3452/3 supports 1-Event and 2-Event classification. When operating in PoE (<15.4 W) mode, 1-Event
classification is used. Operation in PoE+ (>15.4 W) mode results in 2-Event classification probes. The 1-Event
classification is compliant to IEEE standard 802.3-2005. 2-Event classification is compliant to draft IEEE P802.3at.
4.3. Port Turn-On and Power FETs
The FET is turned on with a gate drive that results in a very low-noise turn-on waveform with a slew rate of less
than 1 V/µsec (See Figure 5).
The power FET switch on each port has been sized to have a typical ON resistance of approximately 0.3
. The
shunt resistor for current measurement has also been set to 0.1
. Including interconnection and process variation,
the total resistance to VEE for a port that is on is 0.6
 (max). This limits the maximum power dissipation per
channel to < 250 mW when the operating current is 600 mA, the maximum current allowed by the IEEE 802.3at
PoE+ standard.
The FET has a programmable operating current limit. Each channel can be set to support output currents of
400 mA or 800 mA minimum.
In addition to the normal current limit, there is a short circuit current shutdown approximately 25% greater than the
nominal current limit. If there is a transient current surge where the current ramps up faster than the programmed
current limit can respond, the gate drive voltage is clamped immediately to VEE. The clamp is enabled for at least
10 µs, which allows the normal current circuitry to respond.
Another important protection feature is foldback current limiting. When VOUT is near VEE, the current limit is at
maximum. As the VDS of the driver switch increases (and VOUT is closer to ground), the current limit goes to its
lowest level. The amount of the foldback current is scaled proportionally with the programmed current limit.
Figure 5. Turn-On Waveform—Vport Relative to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com