Electronic Components Datasheet Search
  English  ▼

X  

SI3452 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI3452
Description  QUAD HIGH-VOLTAGE PORT CONTROLLER FOR POE AND POE PSES
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3452 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI3452 Datasheet HTML 1Page - Silicon Laboratories SI3452 Datasheet HTML 2Page - Silicon Laboratories SI3452 Datasheet HTML 3Page - Silicon Laboratories SI3452 Datasheet HTML 4Page - Silicon Laboratories SI3452 Datasheet HTML 5Page - Silicon Laboratories SI3452 Datasheet HTML 6Page - Silicon Laboratories SI3452 Datasheet HTML 7Page - Silicon Laboratories SI3452 Datasheet HTML 8Page - Silicon Laboratories SI3452 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Si3452/3
2
Rev. 1.0
Description
When connected directly to the host system or configured in Auto mode, each Si3452/3 high-voltage port controller
provides all of the critical circuitry and sophisticated power measurement functionality for the high-voltage
interfaces of four complete PSE ports. The Si3452/3 fully integrates robust, low-RON (0.3  typical) power
MOSFET switches, low-power dissipation current sensing circuitry, and transient voltage surge suppression
devices.
The on-chip current sense circuitry and power MOSFETs provide programmable scaling of current limits to match
either PoE (350 mA, 15.4 W), PoE+ (600 mA, 30 W), and extended (800 mA, 40 W) power requirements on a per-
port basis. Designed for use in Endpoint PSE (e.g., Ethernet switches) or Midspan PSE (e.g., inline power
injectors) applications, each Si3452/3 also performs the IEEE-required powered device (PD) detection,
classification, and disconnect functionality.
The flexible architecture enables powered device disconnect detection using either dc disconnect (Si3453) or
Silicon Laboratories' proprietary dV/dt disconnect (Si3452) sensing algorithm. dV/dt disconnect is an alternative to
dc disconnect that requires no additional BOM components, does not dissipate extra device power, and fully
interoperates with all powered devices. Also provided are multi-point detection algorithms and per-port current and
voltage monitoring.
Intelligent protection circuitry includes power supply under-voltage lockout (UVLO), port output current limiting and
short-circuit protection, thermal overload sensing and port shutdown, and transient voltage surge-suppressors
capable of protecting the Si3452/3 from a variety of harsh surge events seen on the RJ-45 interface.
To maximize system design flexibility and minimize cost, each Si3452/3 connects directly to a system host
controller through an I2C serial interface, eliminating the need for an external MCU. The Si3452/3 can be set to one
of 12 unique addresses, allowing control of up to 48 ports on a single I2C bus.
Functional Block Diagram
PER PORT ANALOG
HV SPI
&
Port
Control
VOUT1
Gate Control,
Current Limit
& Foldback
Detection
&
Classification
DC or
dV/dt
Disconnect
Channel
Mode
&
Limit
Control
VREF & Central Bias
PGA
DET4
VOUT2
VOUT3
DET3
DET2
Thermal
Prot.
DET1
VOUT4
Current
Sense
10b
ADC
Temp
Sensor
LV SPI
MCU Core
& PSE FSM
256 Byte SRAM
8 kByte EPROM
I2C
PLL
Voltage
Regulator
& Monitor
POR
WDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com