Electronic Components Datasheet Search
  English  ▼

X  

PMEM4020PD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEM4020PD
Description  PNP transistor/Schottky-diode module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEM4020PD Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEM4020PD Datasheet HTML 1Page - NXP Semiconductors PMEM4020PD Datasheet HTML 2Page - NXP Semiconductors PMEM4020PD Datasheet HTML 3Page - NXP Semiconductors PMEM4020PD Datasheet HTML 4Page - NXP Semiconductors PMEM4020PD Datasheet HTML 5Page - NXP Semiconductors PMEM4020PD Datasheet HTML 6Page - NXP Semiconductors PMEM4020PD Datasheet HTML 7Page - NXP Semiconductors PMEM4020PD Datasheet HTML 8Page - NXP Semiconductors PMEM4020PD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2003 Nov 24
3
NXP Semiconductors
Product data sheet
PNP transistor/Schottky-diode module
PMEM4020PD
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 60134).
Notes
1.
Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; standard footprint for SOT457.
2.
Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; mounting pads for collector and
cathode both 1 cm2.
3.
Mounted on a ceramic printed-circuit board; single-sided copper; tinplated; standard footprint.
4.
Solder point of collector or cathode tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
PNP transistor
VCBO
collector-base voltage
open emitter
−
−40
V
VCEO
collector-emitter voltage
open base
−
−40
V
VEBO
emitter-base voltage
open collector
−
−5
V
IC
collector current (DC)
note 1
−
−0.75
A
note 2
−
−1
A
note 3
−
−1.3
A
Ts ≤ 55 °C; note 4
−
−2
A
ICM
peak collector current
−
−3
A
IBM
peak base current
−
−1
A
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
295
mW
Tamb ≤ 25 °C; note 2
−
400
mW
Tamb ≤ 25 °C; note 3
−
500
mW
Ts ≤ 55 °C; note 4
−
1000
mW
Tj
junction temperature
−
150
°C
Schottky barrier diode
VR
continuous reverse voltage
−
20
V
IF
continuous forward current
−
1
A
IFSM
non-repetitive peak forward current
t = 8.3 ms half sinewave; JEDEC
method
−
5
A
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
295
mW
Tamb ≤ 25 °C; note 2
−
400
mW
Tamb ≤ 25 °C; note 3
−
500
mW
Ts ≤ 55 °C; note 4
−
1000
mW
Tj
junction temperature
note 2
−
150
°C
Combined device
Ptot
total power dissipation
Tamb = 25 °C; note 2
−
600
mW
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
note 2
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com