Electronic Components Datasheet Search
  English  ▼

X  

PMEM4020PD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMEM4020PD
Description  PNP transistor/Schottky-diode module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEM4020PD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMEM4020PD Datasheet HTML 3Page - NXP Semiconductors PMEM4020PD Datasheet HTML 4Page - NXP Semiconductors PMEM4020PD Datasheet HTML 5Page - NXP Semiconductors PMEM4020PD Datasheet HTML 6Page - NXP Semiconductors PMEM4020PD Datasheet HTML 7Page - NXP Semiconductors PMEM4020PD Datasheet HTML 8Page - NXP Semiconductors PMEM4020PD Datasheet HTML 9Page - NXP Semiconductors PMEM4020PD Datasheet HTML 10Page - NXP Semiconductors PMEM4020PD Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2003 Nov 24
7
NXP Semiconductors
Product data sheet
PNP transistor/Schottky-diode module
PMEM4020PD
handbook, halfpage
−10
−1
−10−1
MHC089
−10−1
−1
−10
VBE
(V)
IC (mA)
−103
−102
−104
(1)
(2)
(3)
Fig.6
Base-emitter voltage as a function of
collector current; typical values.
PNP transistor; VCE = −5 V.
(1) Tamb = −55 °C.
(2) Tamb = 25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
−103
−102
−10
−1
MHC090
−1
−10
VCEsat
(mV)
IC (mA)
−102
−103
−104
(1)
(2)
(3)
Fig.7
Collector-emitter saturation voltage as a
function of collector current; typical values.
PNP transistor; IC/IB = 10.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
10
1
10−1
102
MHC091
−10−1
−1
−10
RCEsat
(
Ω)
IC (mA)
−103
−102
−104
(1)
(2)
(3)
Fig.8
Equivalent on-resistance as a function of
collector current; typical values.
PNP transistor; IC/IB = 10.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
0
−1000
300
0
100
200
250
50
150
−200
−400
fT
(MHz)
IC (mA)
−600
−800
MHC092
Fig.9
Transition frequency as a function of
collector current.
PNP transistor; VCE = −10 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com