Electronic Components Datasheet Search
  English  ▼

X  

ADRF6510 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6510
Description  30 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6510 Datasheet HTML 1Page - Analog Devices ADRF6510 Datasheet HTML 2Page - Analog Devices ADRF6510 Datasheet HTML 3Page - Analog Devices ADRF6510 Datasheet HTML 4Page - Analog Devices ADRF6510 Datasheet HTML 5Page - Analog Devices ADRF6510 Datasheet HTML 6Page - Analog Devices ADRF6510 Datasheet HTML 7Page - Analog Devices ADRF6510 Datasheet HTML 8Page - Analog Devices ADRF6510 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADRF6510
Rev. 0 | Page 4 of 28
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
IMD3
f1 = 500 kHz, f2 = 550 kHz, 1.5 V p-p composite
output voltage
Gain = 5 dB
61
dBc
Gain = 35 dB
57
dBc
IMD3 with Input CW Blocker
f1 = 500 kHz, f2 = 550 kHz, 1.5 V p-p composite
output, gain = 5 dB; blocker at 5 MHz, 10 dBc
relative to two-tone composite output voltage
40
dBc
30 MHz Corner Frequency
Output Noise Density
Midband, gain = 0 dB
−130
dBV/√Hz
Midband, gain = 20 dB
−130
dBV/√Hz
Midband, gain = 40 dB
−123
dBV/√Hz
Second Harmonic, HD2
8 MHz fundamental, 1.5 V p-p output voltage
Gain = 0 dB
63
dBc
Gain = 40 dB
84
dBc
Third Harmonic, HD3
8 MHz fundamental, 1.5 V p-p output voltage
Gain = 0 dB
54
dBc
Gain = 40 dB
87
dBc
IMD3
f1 = 15 MHz, f2 = 16 MHz, 1.5 V p-p composite
output voltage
Gain = 5 dB
59
dBc
Gain = 35 dB
77.5
dBc
IMD3 with Input CW Blocker
f1 = 15 MHz, f2 = 16 MHz, 1.5 V p-p composite
output, gain = 5 dB; blocker at 150 MHz, 10 dBc
relative to two-tone composite output voltage
55
dBc
DIGITAL LOGIC
LE, CLK, DATA, SDO, OFDS, GNSW
Input High Voltage, VINH
>2
V
Input Low Voltage, VINL
<0.8
V
Input Current, IINH/IINL
<1
μA
Input Capacitance, CIN
2
pF
SPI TIMING
LE, CLK, DATA, SDO
fSCLK
1/tSCLK
20
MHz
tDH
DATA hold time
5
ns
tDS
DATA setup time
5
ns
tLH
LE hold time
5
ns
tLS
LE setup time
5
ns
tPW
CLK high pulse width
5
ns
tD
CLK to SDO delay
5
ns
POWER AND ENABLE
VPS, VPSD, COM, COMD, ENBL
Supply Voltage Range
4.75
5.0
5.25
V
Total Supply Current
ENBL = 5 V
Maximum bandwidth setting
258
mA
Minimum bandwidth setting
131
mA
Disable Current
ENBL = 0 V
2
mA
Disable Threshold
2.5
V
Enable Response Time
Delay following ENBL low-to-high transition
20
μs
Disable Response Time
Delay following ENBL high-to-low transition
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com