Electronic Components Datasheet Search
  English  ▼

X  

ADRF6510 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6510
Description  30 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6510 Datasheet HTML 1Page - Analog Devices ADRF6510 Datasheet HTML 2Page - Analog Devices ADRF6510 Datasheet HTML 3Page - Analog Devices ADRF6510 Datasheet HTML 4Page - Analog Devices ADRF6510 Datasheet HTML 5Page - Analog Devices ADRF6510 Datasheet HTML 6Page - Analog Devices ADRF6510 Datasheet HTML 7Page - Analog Devices ADRF6510 Datasheet HTML 8Page - Analog Devices ADRF6510 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
30 MHz Dual Programmable Filters
and Variable Gain Amplifiers
ADRF6510
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Matched pair of programmable filters and VGAs
Continuous gain control range: −5 dB to +45 dB
6-pole filter
1 MHz to 30 MHz in 1 MHz steps, 0.5 dB corner frequency
SPI programmable
6 dB front-end gain step
IMD3: >55 dBc for 1.5 V p-p composite output
HD2, HD3: >60 dBc for 1.5 V p-p output
Differential input and output
Adjustable output common-mode voltage
Optional dc output offset correction
Power-down feature
Single 5 V supply operation
APPLICATIONS
Baseband I/Q receivers
Diversity receivers
ADC drivers
FUNCTIONAL BLOCK DIAGRAM
ENBL
VPSD
COMD
LE
CLK
DATA
SDO
COM
VPS
OPP1
OPM1
COM
GAIN
VOCM
COM
OPM2
OPP2
INP1
INM1
VPS
ADRF6510
COM GNSW OFS1
VPS
COM
INP2
INM2
VPS
COM OFDS OFS2
VPS
SPI
Figure 1.
GENERAL DESCRIPTION
The ADRF6510 is a matched pair of fully differential low noise
and low distortion programmable filters and variable gain ampli-
fiers (VGAs). Each channel is capable of rejecting large out-of-
band interferers while reliably boosting the wanted signal, thus
reducing the bandwidth and resolution requirements on the
analog-to-digital converters (ADCs). The excellent matching
between channels and their high spurious-free dynamic range
over all gain and bandwidth settings make the ADRF6510 ideal
for quadrature-based (IQ) communication systems with dense
constellations, multiple carriers, and nearby interferers.
The filters provide a six-pole Butterworth response with 0.5 dB
corner frequencies programmable through the SPI port from
1 MHz to 30 MHz in 1 MHz steps. The preamplifier that precedes
the filters offers a pin-programmable option of either 6 dB or
12 dB of gain. The preamplifier sets a differential input imped-
ance of 400 Ω and has a common-mode voltage that defaults
to 2.1 V but can be driven from 1.5 V to 2.5 V.
The variable gain amplifiers that follow the filters provide 50 dB
of continuous gain control with a slope of 30 mV/dB. The output
buffers provide a differential output impedance of 20 Ω that is
capable of driving 1.5 V p-p into 1 kΩ loads. The output common-
mode voltage defaults to VPS/2, but it can be programmed via the
VOCM pin. The built-in dc offset correction loop can be disabled
if dc-coupled operation is desired. The high-pass corner frequency
is defined by external capacitors on the OFS1 and OFS2 pins.
The ADRF6510 operates from a 4.75 V to 5.25 V supply and
consumes a maximum supply current of 258 mA when pro-
grammed to the highest bandwidth setting. When disabled, it
consumes 2 mA. The ADRF6510 is fabricated in an advanced
silicon-germanium BiCMOS process and is available in a
32-lead, exposed paddle LFCSP. Performance is specified over
the −40°C to +85°C temperature range.


Similar Part No. - ADRF6510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6510 AD-ADRF6510 Datasheet
199Kb / 6P
An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
ADRF6510 AD-ADRF6510 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
ADRF6510-EVALZ AD-ADRF6510-EVALZ Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
ADRF6510ACPZ-R7 AD-ADRF6510ACPZ-R7 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
More results

Similar Description - ADRF6510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7001 TI-THS7001 Datasheet
597Kb / 32P
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
logo
Analog Devices
AD600 AD-AD600_06 Datasheet
588Kb / 28P
Dual, Low Noise, Wideband Variable Gain Amplifiers
1/06-Rev. D to Rev. E
ADRF6516 AD-ADRF6516 Datasheet
1Mb / 32P
31 MHz, Dual Programmable Filters
REV. B
ADRF6518 AD-ADRF6518 Datasheet
1Mb / 36P
63 MHz Dual Programmable Filters and Variable Gain Amplifiers
Rev. PrA
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
logo
Texas Instruments
THS7001 TI1-THS7001_16 Datasheet
1Mb / 41P
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
logo
Analog Devices
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
Dual-Digital Variable Gain Amplifiers
8/2017-Rev. A to Rev. B
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
Dual Programmable Filters and Variable Gain Amplifiers
8/2017-Rev. B to Rev. C
ADRF6518 AD-ADRF6518_17 Datasheet
1Mb / 39P
1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
12/2017-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com