Electronic Components Datasheet Search
  English  ▼

X  

ADRF6510 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6510
Description  30 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6510 Datasheet HTML 20Page - Analog Devices ADRF6510 Datasheet HTML 21Page - Analog Devices ADRF6510 Datasheet HTML 22Page - Analog Devices ADRF6510 Datasheet HTML 23Page - Analog Devices ADRF6510 Datasheet HTML 24Page - Analog Devices ADRF6510 Datasheet HTML 25Page - Analog Devices ADRF6510 Datasheet HTML 26Page - Analog Devices ADRF6510 Datasheet HTML 27Page - Analog Devices ADRF6510 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADRF6510
Rev. 0 | Page 24 of 28
4
5
44
16
15
42
14
2
1
13
8
9
31
30
29
54
XU1
XC19
XC18
XC17
XC16
XC15
XC14
XC13
XR6
52
51
50
49
48
47
46
45
25
24
23
22
21
20
19
18
40
39
38
37
36
35
34
33
XU1
XC5
XC12
XC8
XC9
XC2
XC1
5
4
3
2
1
9
8
7
6
XJ1
XC7
XC10
XR2
XR4
XC3
4
3
2
1
XY1
5
2
1
3
8
7
4
6
XU3
7
8
5
6
4
3
2
1
XU2
XR5
XR3
XR1
XD1
XC11
XC6
XC4
SDO
LE
10PF
10PF
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
3.3V
ADP3303ARZ-3.3
LNJ308G8TRA(GREEN)
1K
22PF
24MHZ
UX60A-MB-5ST240-0003-4
2K
22PF
24LC64-I-SN
2K
+5V
3.3V
3.3V
3.3V
0
+5V
3.3V
22PF
USB_POWER
3.3V
100K
3.3V
3.3V
USB_POWER
10PF
CY7C68013A-56LFXC
0.1UF
100K
CY7C68013A-56LFXC
DATA
CLK
RESET*
PAD
CLKOUT/PE1/T1OUT
AVCC
AGND
XTALOUT
XTALIN
DMINUS
DPLUS
RDY0/SLRD
A
G
A
L
F
/
0
L
T
C
R
W
L
S
/
1
Y
D
R
CTL1/FLAGB
CTL2/FLAGC
IFCLK/T0OUT
RESERVED
WAKEUP
SCL
SDA
GND
VCC
PA1/INT1*
PA0/INT0*
PA7/FLAGD/SLCS*
PB6/FD6
PB2/FD2
PD7/FD15
PD6/FD14
PD5/FD13
PD4/FD12
PD3/FD11
PD0/FD8
PB5/FD5
PB4/FD4
PB3/TXD1/FD3
PB1/FD1
PB0/FD0
PA5/FIFOADR1
PA3/WU2
PA2/SLOE
PB7/FD7
PD1/FD9
PD2/FD10
PA6/PKTEND
PA4/FIFOADR0
DGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
PINS
SHIELD
DGND
DGND
DGND
DGND
DGND
DGND
IN
NR
IN1
OUT
OUT1
ERR_N
GND
SD*
GND
SCLSDA
WC_N
A2
A1
A0
VCC
Figure 59. Schematic for the USB Section of the Evaluation Board
Figure 60. Top Layer Silkscreen
Figure 61. Component Side Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com