Electronic Components Datasheet Search
  English  ▼

X  

VO0600T Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VO0600T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO0600T Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VO0600T Datasheet HTML 2Page - Vishay Siliconix VO0600T Datasheet HTML 3Page - Vishay Siliconix VO0600T Datasheet HTML 4Page - Vishay Siliconix VO0600T Datasheet HTML 5Page - Vishay Siliconix VO0600T Datasheet HTML 6Page - Vishay Siliconix VO0600T Datasheet HTML 7Page - Vishay Siliconix VO0600T Datasheet HTML 8Page - Vishay Siliconix VO0600T Datasheet HTML 9Page - Vishay Siliconix VO0600T Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 84607
918
Rev. 1.7, 06-Oct-08
VO0600T, VO0601T, VO0611T, VO0630T, VO0631T, VO0661T
Vishay Semiconductors
High Speed Optocoupler,
10 MBd, SOIC-8 Package
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 6 - Forward Voltage vs. Ambient Temperature
Fig. 7 - Forward Voltage vs. Forward Current
Fig. 8 - Reverse Current vs. Ambient Temperature
Fig. 9 - Low Level Supply Current vs. Ambient Temperature
Fig. 10 - High Level Supply Current vs. Ambient Temperature
Fig. 11 - Input Threshold On Current vs. Ambient Temperature
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
- 40
- 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
17610
I
F = 50 mA
I
F = 10 mA
I
F = 20 mA
I
F = 1 mA
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
010 15 20 25 30 35 40 45 50
I
F - Forward Current (mA)
17611
5
0
1
2
3
4
5
6
7
- 40
- 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
17613-1
V
R = 5 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
- 40
- 20
0
20
40
60
80100
T
amb - Ambient Temperature (°C)
17614
V
CC = 5 V
I
F = 10 mA
I
F = 10 mA
V
CC = 7 V
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
- 40
- 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
17615
V
CC = 7 V
I
F = 0.25 mA
V
CC = 5 V
I
F = 0.25 mA
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
- 40
- 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
17616
R
L = 350 Ω
R
L = 4 kΩ
R
L = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com