Electronic Components Datasheet Search
  English  ▼

X  

VO0600T Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VO0600T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO0600T Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VO0600T Datasheet HTML 3Page - Vishay Siliconix VO0600T Datasheet HTML 4Page - Vishay Siliconix VO0600T Datasheet HTML 5Page - Vishay Siliconix VO0600T Datasheet HTML 6Page - Vishay Siliconix VO0600T Datasheet HTML 7Page - Vishay Siliconix VO0600T Datasheet HTML 8Page - Vishay Siliconix VO0600T Datasheet HTML 9Page - Vishay Siliconix VO0600T Datasheet HTML 10Page - Vishay Siliconix VO0600T Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Document Number: 84607
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.7, 06-Oct-08
919
VO0600T, VO0601T, VO0611T, VO0630T, VO0631T, VO0661T
High Speed Optocoupler,
10 MBd, SOIC-8 Package
Vishay Semiconductors
Fig. 12 - Input Threshold Off Current vs. Ambient Temperature
Fig. 13 - Low Level Output Voltage vs. Ambient Temperature
Fig. 14 - Low Level Output Current vs. Ambient Temperature
Fig. 15 - High Level Output Current vs. Ambient Temperature
Fig. 16 - Output Voltage vs. Forward Input Current
Fig. 17 - Propagation Delay vs. Ambient Temperature
2.0
2.1
2.2
2.3
2.4
2.5
2.6
- 40
- 20
0
20
40
60
80 100
T
amb - Ambient Temperature (°C)
17617
R
L = 350 Ω
R
L = 4 kΩ
R
L = 1 kΩ
0.00
0.05
0.10
0.15
0.20
0.25
0.30
- 40
- 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
17618
I
L = 6 mA
I
L = 10 mA
I
L = 13 mA
I
L = 16 mA
V
CC = 5.5 V
I
F = 5 mA
0
10
20
30
40
50
60
- 40
- 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
17619
I
F = 5 mA
I
F = 10 mA
0
5
10
15
20
25
30
35
40
45
50
- 40
- 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
17620
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
I
F - Forward Input Current (mA)
17621
R
L = 350 Ω
5
4
3
2
1
R
L = 1 kΩ
R
L = 4 kΩ
0
20
40
60
80
100
120
- 40
- 20
0
20
40
60
80100
T
amb - Ambient Temperature (°C)
17622
t
PLH, 4 kΩ
t
PLH, 1 kΩ
t
PLH, 350 Ω
t
PHL, 350 Ω
t
PHL, 1 kΩ
t
PHL, 4 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com