Electronic Components Datasheet Search
  English  ▼

X  

VO0600T Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VO0600T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO0600T Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VO0600T Datasheet HTML 3Page - Vishay Siliconix VO0600T Datasheet HTML 4Page - Vishay Siliconix VO0600T Datasheet HTML 5Page - Vishay Siliconix VO0600T Datasheet HTML 6Page - Vishay Siliconix VO0600T Datasheet HTML 7Page - Vishay Siliconix VO0600T Datasheet HTML 8Page - Vishay Siliconix VO0600T Datasheet HTML 9Page - Vishay Siliconix VO0600T Datasheet HTML 10Page - Vishay Siliconix VO0600T Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 84607
920
Rev. 1.7, 06-Oct-08
VO0600T, VO0601T, VO0611T, VO0630T, VO0631T, VO0661T
Vishay Semiconductors
High Speed Optocoupler,
10 MBd, SOIC-8 Package
Fig. 18 - Propagation Delay vs. Forward Current
Fig. 19 - Pulse Width Distortion vs. Ambient Temperature
Fig. 20 - Pulse Width Distortion vs. Forward Current
Fig. 21 - Rise and Fall Time vs. Ambient Temperature
Fig. 22 - Rise and Fall Time vs. Forward Current
Fig. 23 - Enable Propagation Delay vs. Ambient Temperature
0
20
40
60
80
100
120
511
13
15
I
F - Forward Current (mA)
17623
t
PLH, 4 kΩ
9
7
t
PLH, 1 kΩ
t
PLH, 350 Ω
t
PHL, 350 Ω
t
PHL, 1 kΩ
t
PHL, 4 kΩ
0
10
20
30
40
50
- 40
- 20
0
20
40
60
80100
T
amb - Ambient Temperature (°C)
17624
R
L = 4 kΩ
R
L = 1 kΩ
R
L = 350 Ω
0
10
20
30
40
50
60
511
13
15
I
F - Forward Current (mA)
17625
R
L = 4 kΩ
9
7
R
L = 1 kΩ
R
L = 350 Ω
0
50
100
150
200
250
300
- 40
- 20
0
20
40
60
80
100
T
amb - Ambient Temperature (°C)
17626
t
r, RL = 4 kΩ
t
f, RL = 350 Ω
t
f, RL = 1 kΩ
t
f, RL = 4 kΩ
t
r, RL = 1 kΩ
t
r, RL = 350 Ω
0
50
100
150
200
250
300
511
13
15
I
F - Forward Current (mA)
17627
t
r, RL = 4 kΩ
9
7
t
r, RL = 1 kΩ
t
r, RL = 350 Ω
t
f, RL = 350 Ω
t
f, RL = 1 kΩ
t
f, RL = 4 kΩ
0
10
20
30
40
50
60
- 40
- 20
0
20
40
60
80100
T
amb
- Ambient Temperature (°C)
17628
t
ELH = 4 kΩ
t
ELH = 350 Ω
t
EHL = 350 Ω
t
EHL = 4 kΩ
t
ELH = 1 kΩ
t
EHL = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com