Electronic Components Datasheet Search
  English  ▼

X  

PXT4401 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PXT4401
Description  NPN switching transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PXT4401 Datasheet(HTML) 3 Page - NXP Semiconductors

  PXT4401 Datasheet HTML 1Page - NXP Semiconductors PXT4401 Datasheet HTML 2Page - NXP Semiconductors PXT4401 Datasheet HTML 3Page - NXP Semiconductors PXT4401 Datasheet HTML 4Page - NXP Semiconductors PXT4401 Datasheet HTML 5Page - NXP Semiconductors PXT4401 Datasheet HTML 6Page - NXP Semiconductors PXT4401 Datasheet HTML 7Page - NXP Semiconductors PXT4401 Datasheet HTML 8Page - NXP Semiconductors PXT4401 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2004 Nov 22
3
NXP Semiconductors
Product data sheet
NPN switching transistor
PXT4401
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Device mounted on a printed-circuit board, single-sided copper, tin-plated and standard footprint.
2.
Device mounted on a printed-circuit board, single-sided copper, tin-plated and mounting pad for collector 1 cm2.
3.
Device mounted on a printed-circuit board, single-sided copper, tin-plated and mounting pad for collector 6 cm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
60
V
VCEO
collector-emitter voltage
open base
−
40
V
VEBO
emitter-base voltage
open collector
−
5
V
IC
collector current (DC)
−
600
mA
ICM
peak collector current
−
800
mA
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
note 1
−
0.5
W
note 2
−
0.8
W
note 3
−
1.1
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
ambient temperature
−65
+150
°C
Tamb (°C)
−75
175
125
25
75
−25
006aaa238
800
400
1200
1600
Ptot
(mW)
0
(1)
(2)
(3)
Fig.2 Power derating curves.
(1) FR4 PCB; 6 cm2 mounting pad for collector.
(2) FR4 PCB; 1 cm2 mounting pad for collector.
(3) FR4 PCB; standard footprint.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com