Electronic Components Datasheet Search
  English  ▼

X  

PXT4401 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PXT4401
Description  NPN switching transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PXT4401 Datasheet(HTML) 4 Page - NXP Semiconductors

  PXT4401 Datasheet HTML 1Page - NXP Semiconductors PXT4401 Datasheet HTML 2Page - NXP Semiconductors PXT4401 Datasheet HTML 3Page - NXP Semiconductors PXT4401 Datasheet HTML 4Page - NXP Semiconductors PXT4401 Datasheet HTML 5Page - NXP Semiconductors PXT4401 Datasheet HTML 6Page - NXP Semiconductors PXT4401 Datasheet HTML 7Page - NXP Semiconductors PXT4401 Datasheet HTML 8Page - NXP Semiconductors PXT4401 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2004 Nov 22
4
NXP Semiconductors
Product data sheet
NPN switching transistor
PXT4401
THERMAL CHARACTERISTICS
Notes
1.
Device mounted on a printed-circuit board, single-sided copper, tin-plated and standard footprint.
2.
Device mounted on a printed-circuit board, single-sided copper, tin-plated and mounting pad for collector 1 cm2.
3.
Device mounted on a printed-circuit board, single-sided copper, tin-plated and mounting pad for collector 6 cm2.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to
ambient
in free air
note 1
250
K/W
note 2
156
K/W
note 3
113
K/W
Rth(j-s)
thermal resistance from junction to
soldering point
30
K/W
006aaa235
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth
(K/W)
1
(6)
(7)
(8)
(9)
(10)
(1)
(5)
(4)
(3)
(2)
Fig.3 Transient thermal impedance as a function of pulse time; typical values.
(1)
δ = 1.
(2)
δ = 0.75.
(3)
δ = 0.5.
(4)
δ = 0.33.
(5)
δ = 0.2.
(6)
δ = 0.1.
(7)
δ = 0.05.
(8)
δ = 0.02.
(9)
δ = 0.01.
(10)
δ = 0.
Mounted on FR4 printed-circuit board; standard footprint.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com