Electronic Components Datasheet Search
  English  ▼

X  

Si5367 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # Si5367
Description  Pin-Controlled 1_710 MHz Jitter Cleaning Clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5367 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button Si5367 Datasheet HTML 9Page - Silicon Laboratories Si5367 Datasheet HTML 10Page - Silicon Laboratories Si5367 Datasheet HTML 11Page - Silicon Laboratories Si5367 Datasheet HTML 12Page - Silicon Laboratories Si5367 Datasheet HTML 13Page - Silicon Laboratories Si5367 Datasheet HTML 14Page - Silicon Laboratories Si5367 Datasheet HTML 15Page - Silicon Laboratories Si5367 Datasheet HTML 16Page - Silicon Laboratories Si5367 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Si5317
Preliminary Rev. 0.15
13
Table 6. Thermal Characteristics
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Thermal Resistance
Junction to Ambient
JA
Still Air
—
32
—
ºC/W
Thermal Resistance
Junction to Case
JC
—14
—
ºC/W
Table 7. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
–0.5 to 3.63
V
LVCMOS Input Voltage
VDIG
–0.3 to (VDD + 0.3)
V
Operating Junction Temperature
TJCT
–55 to 150
C
Storage Temperature Range
TSTG
–55 to 150
C
ESD HBM Tolerance (100 pF, 1.5 k
Ω); All pins except
CKIN+/CKIN–
2kV
ESD MM Tolerance; All pins except CKIN+/CKIN–
200
V
ESD HBM Tolerance (100 pF, 1.5 k
Ω); CKIN+/CKIN–
700
V
ESD MM Tolerance; CKIN+/CKIN–
150
V
Latch-Up Tolerance
JESD78 Compliant
Note: Permanent device damage may occur if the Absolute Maximum Ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operation sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods of time may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com