Electronic Components Datasheet Search
  English  ▼

X  

Si5367 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # Si5367
Description  Pin-Controlled 1_710 MHz Jitter Cleaning Clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5367 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button Si5367 Datasheet HTML 35Page - Silicon Laboratories Si5367 Datasheet HTML 36Page - Silicon Laboratories Si5367 Datasheet HTML 37Page - Silicon Laboratories Si5367 Datasheet HTML 38Page - Silicon Laboratories Si5367 Datasheet HTML 39Page - Silicon Laboratories Si5367 Datasheet HTML 40Page - Silicon Laboratories Si5367 Datasheet HTML 41Page - Silicon Laboratories Si5367 Datasheet HTML 42Page - Silicon Laboratories Si5367 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Si5317
Preliminary Rev. 0.15
39
7
6
XB
XA
I
Analog
External Crystal or Reference Clock.
External crystal should be connected to these pins to use
internal oscillator-based reference. Crystal or reference clock
selection is set by the XTAL/CLOCK pin.
8,31
GND
GND
Supply
Ground.
Must be connected to system ground. Minimize the ground
path impedance for optimal performance of this device.
11
15
RATE0
RATE1
I
3-Level
External Crystal or Reference Clock Rate.
Note:
L setting corresponds to ground. M setting corresponds to
VDD/2. H setting corresponds to VDD. Some designs may
require an external resistor voltage divider when driven by
an active device that will tri-state. See Table 14 for settings.
14
DBL2_BY
I
3-Level
Output 2 Disable/Bypass Mode Control.
Controls enable of CKOUT2 divider/output buffer path and
PLL bypass mode.
L = CKOUT2 enabled
M = CKOUT2 disabled
H = Bypass mode with CKOUT2 enabled
This pin has a weak pull-up and weak pull-down and defaults
to M.
Some designs may require an external resistor voltage
divider when driven by an active device that will tri-state.
16
17
CKIN+
CKIN–
IMulti
Clock Input.
Differential input clock. This input can also be driven with a
single-ended signal. Input frequency selected from Table 9
on page 22.
18
LOL
O
LVCMOS
PLL Loss of Lock Indicator.
This pin functions as the active high PLL loss of lock indica-
tor.
0 = PLL locked
1 = PLL unlocked
19
DEC
I
LVCMOS
Skew Decrement.
This edge-triggered pin decreases the input to output device
skew. There is no limit on the range of skew adjustment by
this method. Detailed operations and timing characteristics
for this pin are found in Section 3.2, Table 8.
This pin has a weak pull-down.
20
INC
I
LVCMOS
Skew Increment.
This edge-triggered pin increases the input to output device
skew. There is no limit on the range of skew adjustment by
this method. Detailed operations and timing characteristics
for this pin are found in Section 3.2, Table 8.
This pin has a weak pull-down.
Table 15. Si5317 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com