Electronic Components Datasheet Search
  English  ▼

X  

Si5367 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # Si5367
Description  Pin-Controlled 1_710 MHz Jitter Cleaning Clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5367 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button Si5367 Datasheet HTML 17Page - Silicon Laboratories Si5367 Datasheet HTML 18Page - Silicon Laboratories Si5367 Datasheet HTML 19Page - Silicon Laboratories Si5367 Datasheet HTML 20Page - Silicon Laboratories Si5367 Datasheet HTML 21Page - Silicon Laboratories Si5367 Datasheet HTML 22Page - Silicon Laboratories Si5367 Datasheet HTML 23Page - Silicon Laboratories Si5367 Datasheet HTML 24Page - Silicon Laboratories Si5367 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Si5317
Preliminary Rev. 0.15
21
171
H
LMLL
380.00 390.00 400.00
—
7878
1882
465
232
116
0.18
172
H
LMLM
390.00 400.00 405.00
—
7755
1854
458
228
114
0.18
173
H
LMLH
404.17 420.00 440.00
—
7903
1884
465
232
116
0.19
174
H
LMML
420.00 440.00 460.00
—
7848
1874
463
231
115
0.18
175
H
LMMM
440.91 460.00 480.00
—
7903
1884
465
232
116
0.19
176
H
LMMH
460.00 480.00 500.00
—
7507
1793
443
221
110
0.19
177
H
LMHL
485.00 500.00 520.00
—
7910
1884
465
232
116
0.19
178
H
LMHM
500.00 520.00 540.00
—
7878
1882
465
232
116
0.18
179
H
LMHH
520.00 540.00 560.00
—
7704
1842
455
227
113
0.18
180
H
LHLL
540.00 560.00 580.00
—
7908
1884
465
232
116
0.19
181
H
LHLM
560.00 580.00 600.00
—
7879
1882
465
232
116
0.18
182
H
LHLH
580.00 600.00 620.00
—
7571
1811
448
223
111
0.18
183
H
LHML
606.25 620.00 640.00
—
7903
1884
465
232
116
0.19
184
H
LHMM
620.00 640.00 660.00
—
7890
1883
465
232
116
0.18
185
H
LHMH
640.00 660.00 680.00
—
7878
1882
465
232
116
0.18
186
H
LHHL
660.00 680.00 700.00
—
7878
1882
465
232
116
0.18
187
H
LHHM
680.00 700.00 704.00
—
7831
1871
462
231
115
0.18
188
H
LHHH
700.00 710.00 710.00
—
7908
1880
464
231
115
0.20
Table 8. Look-up Tables for Fin = Fout Frequency Range and Loop Bandwidth Settings
Frequency Range
(MHz)
BWSEL [1:0] (BW in Hz)
INC/DEC
Phase
Change
(ns)
Plan
No
FRQTBL FRQSEL
[3:0]
Min
Center
Max
LH
ML
MM
MH
HL
HM
Note: For BWSEL[1:0] settings LL, LM, HH are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com