Electronic Components Datasheet Search
  English  ▼

X  

TDA9983B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9983B
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9983B Datasheet HTML 3Page - NXP Semiconductors TDA9983B Datasheet HTML 4Page - NXP Semiconductors TDA9983B Datasheet HTML 5Page - NXP Semiconductors TDA9983B Datasheet HTML 6Page - NXP Semiconductors TDA9983B Datasheet HTML 7Page - NXP Semiconductors TDA9983B Datasheet HTML 8Page - NXP Semiconductors TDA9983B Datasheet HTML 9Page - NXP Semiconductors TDA9983B Datasheet HTML 10Page - NXP Semiconductors TDA9983B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
7 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
I2C_SCL
43
I
I2C-bus clock input of device (open drain); must be connected
to a pull-up resistor; 5 V tolerant
I2C_SDA
44
I/O
I2C-bus data input/output of device; open drain; must be
connected to a pull-up resistor; 5 V tolerant
VDDC(1V8)
45
P
supply voltage for digital core (1.8 V)
VSSA(PLL_1V8)
46
G
analog ground reference for PLL
VSSD
47
G
ground for input ports
VDDD(3V3)
48
P
supply voltage for input ports (3.3 V)
VPC[7]
49
I
video port C input bit 7
VPC[6]
50
I
video port C input bit 6
VPC[5]
51
I
video port C input bit 5
VPC[4]
52
I
video port C input bit 4
VPC[3]
53
I
video port C input bit 3
VPC[2]
54
I
video port C input bit 2
VPC[1]
55
I
video port C input bit 1
VPC[0]
56
I
video port C input bit 0
VPB[7]
57
I
video port B input bit 7
VPB[6]
58
I
video port B input bit 6
VDDC(1V8)
59
P
supply voltage for digital core (1.8 V)
VSSC
60
G
ground for digital core
VPB[5]
61
I
video port B input bit 5
VPB[4]
62
I
video port B input bit 4
VPB[3]
63
I
video port B input bit 3
VPB[2]
64
I
video port B input bit 2
VPB[1]
65
I
video port B input bit 1
VCLK
66
I
video pixel clock input
VPB[0]
67
I
video port B input bit 0
VPA[7]
68
I
video port A input bit 7
VPA[6]
69
I
video port A input bit 6
VPA[5]
70
I
video port A input bit 5
VDDD(3V3)
71
P
supply voltage for input ports (3.3 V)
VSSD
72
G
ground for input ports
VSSC
73
G
ground for digital core
VDDC(1V8)
74
P
supply voltage for digital core (1.8 V)
VPA[4]
75
I
video port A input bit 4
VPA[3]
76
I
video port A input bit 3
VPA[2]
77
I
video port A input bit 2
VPA[1]
78
I
video port A input bit 1
VPA[0]
79
I
video port A input bit 0
DE/FREF
80
I
video data enable input or field reference input
Exposed die pad central G
exposed die pad; must be connected to the ground of the
HDMI transmitter (VSSH)
Table 4.
Pin description …continued
Symbol
Pin
Type[1] Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com