Electronic Components Datasheet Search
  English  ▼

X  

2SJ360 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SJ360
Description  Chopper Regulator, DC−DC Converter and Motor Drive Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ360 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SJ360 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SJ360
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L
2
−π−MOSV)
2SJ360
High Speed, High current Switching Applications
Chopper Regulator, DC−DC Converter and Motor Drive
Applications
4-V gate drive
Low drain−source ON resistance
: RDS (ON) = 0.55 Ω (typ.)
High forward transfer admittance
: |Yfs| = 0.9 S (typ.)
Low leakage current
: IDSS = −100 μA (max) (VDS = −60 V)
Enhancement mode
: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
−60
V
Drain−gate voltage (RGS = 20 k Ω)
VDGR
−60
V
Gate−source voltage
VGSS
±20
V
DC
(Note 1)
ID
−1
A
Drain current
Pulse (Note 1)
IDP
−4
A
Drain power dissipation
PD
0.5
W
Drain power dissipation
(Note 2)
PD
1.5
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: Mounted on a ceramic substrate (25.4 mm × 25.4 mm × 0.8 mm)
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability
Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to
ambient
Rth (ch−a)
250
°C / W
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
⎯
JEITA
SC-62
TOSHIBA
2−5K1B
Weight: 0.05 g (typ.)


Similar Part No. - 2SJ360

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ360 TOSHIBA-2SJ360 Datasheet
278Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ360 TOSHIBA-2SJ360 Datasheet
748Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive Applications
logo
Guangdong Kexin Industr...
2SJ360 KEXIN-2SJ360 Datasheet
48Kb / 2P
MOS Field Effect Transistors
logo
Toshiba Semiconductor
2SJ360 TOSHIBA-2SJ360 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SJ360 VBSEMI-2SJ360 Datasheet
960Kb / 7P
P-Channel 60-V (D-S) MOSFET
More results

Similar Description - 2SJ360

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2313 TOSHIBA-2SK2313_06 Datasheet
773Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ407 TOSHIBA-2SJ407_09 Datasheet
420Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2267 TOSHIBA-2SK2267_09 Datasheet
435Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2376 TOSHIBA-2SK2376_09 Datasheet
431Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2381 TOSHIBA-2SK2381_09 Datasheet
403Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2401 TOSHIBA-2SK2401_09 Datasheet
442Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2598 TOSHIBA-2SK2598_09 Datasheet
445Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2749 TOSHIBA-2SK2749_09 Datasheet
417Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2837 TOSHIBA-2SK2837_09 Datasheet
431Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2883 TOSHIBA-2SK2883_09 Datasheet
455Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com