Electronic Components Datasheet Search
  English  ▼

X  

2SJ360 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SJ360
Description  Chopper Regulator, DC−DC Converter and Motor Drive Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ360 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SJ360 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ360 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SJ360
2009-09-29
3
−16
−20
−4
−5
−8
−10
−0.8
−1.0
25
−0.1
−0.3 −0.5
−1
−3
−5
−10
0.3
3
1
0.5
10
5
VGS = −4 V
−10
0.3
3
1
0.5
Tc
= −55°C
100
10
5
−0.1
−0.3 −0.5
−1
−3
−5
−10
0
−4
−8
−12
ID = −2 A
−1.5
−1.0
0
−0.4
−0.8
−1.2
−1.6
−2.0
−0.5
0
−1
−2
−3
100
Tc
= −55°C
25
0
−0.4
−0.8
−1.2
−1.6
−2.0
0
VGS = −2.5 V
0
−2
−4
−6
−0.4
−0.8
−1.2
−1.6
−2.0
−8
−10
−6
−4
−3.8
−3.5
−3.3
−3
−2.8
−5
0
−0.2
−0.4
−0.6
0
VGS = −2.5 V
−10
−0.2
−0.4
−0.6
−0.8
−1.0
−8
−6
−5
−4.5
−3.5
−4
−3
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
Common source
VDS = −10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = −10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Drain-source voltage VDS
(V)
Drain-source voltage VDS
(V)
Gate-source voltage VGS
(V)
Gate-source voltage VGS
(V)
Drain current ID (A)
Drain current ID (A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com