Electronic Components Datasheet Search
  English  ▼

X  

HT66F03 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT66F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT66F03 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 139 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
(HXT, ERC, HIRC)
¾
fSYS=8MHz
2.2
¾
5.5
V
fSYS=12MHz
2.7
¾
5.5
V
fSYS=20MHz
4.5
¾
5.5
V
IDD1
Operating Current (HXT),
(fSYS=fH,fS=fSUB=fLIRC)
3V
No load, fH=8MHz,
ADC off, WDT enable
¾
1.0
1.5
mA
5V
¾
2.5
4.0
mA
3V
No load, fH=10MHz,
ADC off, WDT enable
¾
1.2
2.0
mA
5V
¾
2.8
4.5
mA
3V
No load, fH=12MHz,
ADC off, WDT enable
¾
1.5
2.5
mA
5V
¾
3.5
5.5
mA
3V
No load, fH=16MHz,
ADC off, WDT enable
¾
2.0
3.0
mA
5V
¾
4.5
7.0
mA
5V
No load, fH=20MHz,
ADC off, WDT enable
¾
5.5
8.5
mA
IDD2
Operating Current (ERC),
(fSYS=fH,fS=fSUB=fLIRC)
3V
No load, fH=6MHz,
ADC off, WDT enable
¾
0.9
1.5
mA
5V
¾
2.0
3.0
mA
3V
No load, fH=8MHz,
ADC off, WDT enable
¾
1.2
2.0
mA
5V
¾
2.8
4.5
mA
3V
No load, fH=12MHz,
ADC off, WDT enable
¾
1.8
3.0
mA
5V
¾
4.0
6.0
mA
5V
No load, fH=16MHz,
ADC off, WDT enable
¾
5.0
7.5
mA
IDD3
Operating Current (HIRC),
(fSYS=fH,fS=fSUB=fLXR or fLIRC)
3V
No load, fH=4MHz,
ADC off, WDT enable
¾
0.7
1.2
mA
5V
¾
1.5
2.5
mA
3V
No load, fH=8MHz,
ADC off, WDT enable
¾
1.2
2.0
mA
5V
¾
2.8
4.5
mA
3V
No load, fH=12MHz,
ADC off, WDT enable
¾
1.8
3.0
mA
5V
¾
4.0
6.0
mA
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
7
April 16, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com