Electronic Components Datasheet Search
  English  ▼

X  

HT66F03 Datasheet(PDF) 97 Page - Holtek Semiconductor Inc

Part # HT66F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 Datasheet(HTML) 97 Page - Holtek Semiconductor Inc

Back Button HT66F03 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 95Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 96Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 97Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 98Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 99Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 100Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 101Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 139 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
97
April 16, 2010
· ADCR0 Register
¨ HT66F03/HT66F04
Bit
76543210
Name
START
EOCB
ADOFF
ADRFS
¾¾
ACS1
ACS0
R/W
R/W
R
R/W
R/W
¾¾
R/W
R/W
POR
0110
¾¾
00
Bit 7
START: Start the A/D conversion
0
®1®0 : start
0
®1
: reset the A/D converter and set EOCB to
²1²
This bit is used to initiate an A/D conversion process. The bit is normally low but if set high and
then cleared low again, the A/D converter will initiate a conversion process. When the bit is set
high the A/D converter will be reset.
Bit 6
EOCB: End of A/D conversion flag
0: A/D conversion ended
1: A/D conversion in progress
This read only flag is used to indicate when an A/D conversion process has completed. When
the conversion process is running the bit will be high.
Bit 5
ADOFF : ADC module power on/off control bit
0: ADC module power on
1: ADC module power off
This bit controls the power to the A/D internal function. This bit should be cleared to zero to
enable the A/D converter. If the bit is set high then the A/D converter will be switched off reducing
the device power consumption. As the A/D converter will consume a limited amount of power,
even when not executing a conversion, this may be an important consideration in power sensitive
battery powered applications.
Note: 1. it is recommended to set ADOFF=1 before entering IDLE/SLEEP Mode for saving
power.
2. ADOFF=1 will power down the ADC module.
Bit 4
ADRFS: ADC Data Format Control
0: ADC Data MSB is ADRH bit 7, LSB is ADRL bit 4
1: ADC Data MSB is ADRH bit 3, LSB is ADRL bit 0
This bit controls the format of the 12-bit converted A/D value in the two A/D data registers.
Details are provided in the A/D data register section.
Bit 3~2
unimplemented, read as
²0²
Bit 1~0
ACS1, ACS0: Select A/D channel (when ACS4 is
²0²)
00: AN0
01: AN1
10: AN2
11: AN3
These are the A/D channel select control bits. As there is only one internal hardware A/D
converter each of the four A/D inputs must be routed to the internal converter using these bits.
If bit ACS4 in the ADCR1 register is set high, then the internal 1.25V reference voltage source
will be routed to the A/D Converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com