Electronic Components Datasheet Search
  English  ▼

X  

HT66F03 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT66F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT66F03 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 139 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
20
April 16, 2010
Special Function Register Description
Most of the Special Function Register details will be de-
scribed in the relevant functional section, however sev-
eral registers require a separate description in this
section.
Indirect Addressing Registers
- IAR0, IAR1
The Indirect Addressing Registers, IAR0 and IAR1, al-
though having their locations in normal RAM register
space, do not actually physically exist as normal regis-
ters. The method of indirect addressing for RAM data
manipulation uses these Indirect Addressing Registers
and Memory Pointers, in contrast to direct memory ad-
dressing, where the actual memory address is speci-
fied. Actions on the IAR0 and IAR1 registers will result in
no actual read or write operation to these registers but
rather to the memory location specified by their corre-
sponding Memory Pointers, MP0 or MP1. Acting as a
pair, IAR0 and MP0 can together access data from Bank
0 while the IAR1 and MP1 register pair can access data
from any bank. As the Indirect Addressing Registers are
not physically implemented, reading the Indirect Ad-
dressing Registers indirectly will return a result of
²00H²
and writing to the registers indirectly will result in no op-
eration.
Memory Pointers
- MP0, MP1
Two Memory Pointers, known as MP0 and MP1 are pro-
vided. These Memory Pointers are physically imple-
mented in the Data Memory and can be manipulated in
the same way as normal registers providing a conve-
nient way with which to address and track data. When
any operation to the relevant Indirect Addressing Regis-
ters is carried out, the actual address that the
microcontroller is directed to, is the address specified by
the related Memory Pointer. MP0, together with Indirect
Addressing Register, IAR0, are used to access data
from Bank 0, while MP1 and IAR1 are used to access
data from all banks according to BP register. Direct Ad-
dressing can only be used with Bank 0, all other Banks
must be addressed indirectly using MP1 and IAR1. Note
that for this series of devices, the Memory Pointers,
MP0 and MP1, are both 8-bit registers and used to ac-
cess the Data Memory together with their corresponding
indirect addressing registers IAR0 and IAR1.
The following example shows how to clear a section of
four Data Memory locations already defined as loca-
tions adres1 to adres4.
· Indirect Addressing Program Example
data .section
¢data¢
adres1 db ?
adres2 db ?
adres3 db ?
adres4 db ?
block
db ?
code .section at 0
¢code¢
org
00h
start:
mov a,04h
; setup size of block
mov block,a
mov a,offset adres1
; Accumulator loaded with first RAM address
mov mp0,a
; setup memory pointer with first RAM address
loop:
clr IAR0
; clear the data at address defined by MP0
inc mp0
; increment memory pointer
sdz block
; check if last memory location has been cleared
jmp loop
continue:
The important point to note here is that in the example shown above, no reference is made to specific RAM addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com