Electronic Components Datasheet Search
  English  ▼

X  

HT66F03 Datasheet(PDF) 114 Page - Holtek Semiconductor Inc

Part # HT66F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 Datasheet(HTML) 114 Page - Holtek Semiconductor Inc

Back Button HT66F03 Datasheet HTML 110Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 111Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 112Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 113Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 114Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 115Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 116Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 117Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 118Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 139 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
114
April 16, 2010
04H
08H
0CH
14H
18H
1CH
Vector
Low
Priority
High
Request
Flags
Enable
Bits
Master
Enable
Request
Flags
Enable
Bits
EMI auto disabled in ISR
Interrupts contained within
Multi-Function Interrupts
Interrupt
Name
Interrupt
Name
EMI
EMI
EMI
EMI
EMI
LVF
LVD
LVE
DEF
EEPROM
DEE
T1AF
TM1 A
T1AE
T1PF
TM1 P
T1PE
INTF
INT Pin
INTE
CPF
Comparator
CPE
MF0F
M. Funct. 0
MF0E
MF2F
M. Funct. 2
MF2E
ADF
A/D
ADE
EMI
TB0F
Time Base 0
TB0E
xxF
Legend
Request Flag – no auto reset in ISR
xxF
Request Flag – auto reset in ISR
xxE
Enable Bit
T0AF
TM0 A
T0PF
TM0 P
T0AE
T0PE
20H
EMI
TB1F
Time Base 1
TB1E
T2AF
TM2 A
T2AE
T2PF
TM2 P
T2PE
T2BF
TM2 B
T2BE
10H
EMI
MF1F
M. Funct. 1
MF1E
Interrupt Structure
- HT66F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com