Electronic Components Datasheet Search
  English  ▼

X  

HT66F03 Datasheet(PDF) 138 Page - Holtek Semiconductor Inc

Part # HT66F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 Datasheet(HTML) 138 Page - Holtek Semiconductor Inc

Back Button HT66F03 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 132Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 135Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 136Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 138Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 139Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 138 / 139 page
background image
Package Information
10-pin MSOP Outline Dimensions
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
¾¾
1.10
A1
0.00
¾
0.15
A2
0.75
¾
0.95
B
0.17
¾
0.27
C
¾¾
0.25
D
¾
3.0
¾
E
¾
4.9
¾
E1
¾
3.0
¾
e
¾
0.5
¾
L
0.4
¾
0.8
L1
¾
0.95
¾
q
0
°¾
8
°
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
138
April 16, 2010
A 1
A
E 1
e
B
A 2
R 0 . 1 0
( 4 C O R N E R S )
L
E
C
q
D
1
5
6
1 0
L 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com