Electronic Components Datasheet Search
  English  ▼

X  

HT66FU30 Datasheet(PDF) 132 Page - Holtek Semiconductor Inc

Part # HT66FU30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU30 Datasheet(HTML) 132 Page - Holtek Semiconductor Inc

Back Button HT66FU30 Datasheet HTML 128Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 129Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 132Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 135Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 136Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
132
June 4, 2010
A/D Converter Data Registers
- ADRL, ADRH
As the devices contain an internal 12-bit A/D converter, they require two data registers to store the converted value.
These are a high byte register, known as ADRH, and a low byte register, known as ADRL. After the conversion process
takes place, these registers can be directly read by the microcontroller to obtain the digitised conversion value. As only
12 bits of the 16-bit register space is utilised, the format in which the data is stored is controlled by the ADRFS bit in the
ADCR0 register as shown in the accompanying table. D0~D11 are the A/D conversion result data bits. Any unused bits
will be read as zero.
ADRFS
ADRH
ADRL
7654321076543210
0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0000
1
0000
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A/D Data Registers
A / D C o n v e r t e r
P A 0 / A N 0 ~ P A 7 / A N 7
P E 6 / A N 8
P E 7 / A N 9
P F 0 / A N 1 0
P F 1 / A N 1 1
A / D R e f e r e n c e V o l t a g e
A D R L
A D R H
A / D D a t a
R e g i s t e r s
V 1 2 5 E N
S T A R T
E O C B
A D O F F
V S S
P B 5 / V R E F
A D C K 2 ~ A D C K 0
f S Y S
A C E 1 1 ~ A C E 0
A C S 4 ~ A C S 0
1 . 2 5 V
A / D C l o c k
V D D
A D O F F
B i t
V R E F S
B i t
A D R F S
b i t
¸ 2 N
( N = 0 ~ 6 )
A/D Converter Structure
A/D Converter Control Registers
-
ADCR0, ADCR1, ACERL, ACERH
To control the function and operation of the A/D con-
verter, three or four control registers known as ADCR0,
ADCR1, ACERL and ACERH are provided. These 8-bit
registers define functions such as the selection of which
analog channel is connected to the internal A/D con-
verter, the digitised data format, the A/D clock source as
well as controlling the start function and monitoring the
A/D converter end of conversion status. The
ACS3~ACS0 bits in the ADCR0 register and ACS4 bit is
the ADCR1 register define the ADC input channel num-
ber. As the device contains only one actual analog to
digital converter hardware circuit, each of the individual
8 or 12 analog inputs must be routed to the converter. It
is the function of the ACS4~ACS0 bits to determine
which analog channel input pins or internal 1.25V is ac-
tually connected to the internal A/D converter.
The ACERH and ACERL control registers contain the
ACER11~ACER0 bits which determine which pins on
Port A, PE6, PE7, PF0 and PF1 are used as analog in-
puts for the A/D converter input and which pins are not
to be used as the A/D converter input. Setting the corre-
sponding bit high will select the A/D input function, clear-
ing the bit to zero will select either the I/O or other
pin-shared function. When the pin is selected to be an
A/D input, its original function whether it is an I/O or
other pin-shared function will be removed. In addition,
any internal pull-high resistors connected to these pins
will be automatically removed if the pin is selected to be
an A/D input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com