Electronic Components Datasheet Search
  English  ▼

X  

HT66FU30 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT66FU30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU30 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT66FU30 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
44
June 4, 2010
Wake-up
After the system enters the SLEEP or IDLE Mode, it can
be woken up from one of various sources listed as fol-
lows:
· An external reset
· An external falling edge on Port A
· A system interrupt
· A WDT overflow
If the system is woken up by an external reset, the de-
vice will experience a full system reset, however, if the
device is woken up by a WDT overflow, a Watchdog
Timer reset will be initiated. Although both of these
wake-up methods will initiate a reset operation, the ac-
tual source of the wake-up can be determined by exam-
ining the TO and PDF flags. The PDF flag is cleared by a
system power-up or executing the clear Watchdog
Timer instructions and is set when executing the
²HALT²
instruction. The TO flag is set if a WDT time-out occurs,
and causes a wake-up that only resets the Program
Counter and Stack Pointer, the other flags remain in their
original status.
Each pin on Port A can be setup using the PAWU regis-
ter to permit a negative transition on the pin to wake-up
the system. When a Port A pin wake-up occurs, the pro-
gram will resume execution at the instruction following
the
²HALT² instruction. If the system is woken up by an
interrupt, then two possible situations may occur. The first
is where the related interrupt is disabled or the interrupt is
enabled but the stack is full, in which case the program
will resume execution at the instruction following the
²HALT² instruction. In this situation, the interrupt which
woke-up the device will not be immediately serviced, but
will rather be serviced later when the related interrupt is fi-
nally enabled or when a stack level becomes free. The
other situation is where the related interrupt is enabled
and the stack is not full, in which case the regular inter-
rupt response takes place. If an interrupt request flag is
set high before entering the SLEEP or IDLE Mode, the
wake-up function of the related interrupt will be disabled.
Programming Considerations
The HXT and LXT oscillators both use the same SST
counter. For example, if the system is woken up from the
SLEEP0 Mode and both the HXT and LXT oscillators
need to start-up from an off state. The LXT oscillator
uses the SST counter after HXT oscillator has finished
its SST period.
· If the device is woken up from the SLEEP0 Mode to
the NORMAL Mode, the high speed system oscillator
needs an SST period. The device will execute first in-
struction after HTO is
²1². At this time, the LXT oscilla-
tor may not be stability if fSUB is from LXT oscillator. The
same situation occurs in the power-on state. The LXT
oscillator is not ready yet when the first instruction is
executed.
· If the device is woken up from the SLEEP1 Mode to
NORMAL Mode, and the system clock source is from
HXT oscillator and FSTEN is
²1², the system clock can
be switched to the LXT or LIRC oscillator after wake
up.
· There are peripheral functions, such as WDT, TMs
and SIM, for which the fSYS is used. If the system clock
source is switched from fH to fL, the clock source to the
peripheral functions mentioned above will change ac-
cordingly.
· The on/off condition of f
SUB and fS depends upon
whether the WDT is enabled or disabled as the WDT
clock source is selected from fSUB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com