Electronic Components Datasheet Search
  English  ▼

X  

HT66FU30 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT66FU30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU30 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT66FU30 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
41
June 4, 2010
Operating Mode Switching and Wake-up
The device can switch between operating modes dy-
namically allowing the user to select the best perfor-
mance/power ratio for the present task in hand. In this
way microcontroller operations that do not require high
performance can be executed using slower clocks thus
requiring less operating current and prolonging battery
life in portable applications.
In simple terms, Mode Switching between the NORMAL
Mode and SLOW Mode is executed using the HLCLK bit
and CKS2~CKS0 bits in the SMOD register while Mode
Switching from the NORMAL/SLOW Modes to the
SLEEP/IDLE Modes is executed via the HALT instruc-
tion. When a HALT instruction is executed, whether the
device enters the IDLE Mode or the SLEEP Mode is de-
termined by the condition of the IDLEN bit in the SMOD
register and FSYSON in the WDTC register.
When the HLCLK bit switches to a low level, which im-
plies that clock source is switched from the high speed
clock source, fH, to the clock source, fH/2~fH/64 or fL.If
the clock is from the fL, the high speed clock source will
stop running to conserve power. When this happens it
must be noted that the fH/16 and fH/64 internal clock
sources will also stop running, which may affect the op-
eration of other internal functions such as the TMs and
the SIM. The accompanying flowchart shows what hap-
pens when the device moves between the various oper-
ating modes.
NORMAL Mode to SLOW Mode Switching
When running in the NORMAL Mode, which uses the
high speed system oscillator, and therefore consumes
more power, the system clock can switch to run in the
SLOW Mode by set the HLCLK bit to
²0² and set the
CKS2~CKS0 bits to
²000² or ²001² in the SMOD regis-
ter. This will then use the low speed system oscillator
which will consume less power. Users may decide to do
this for certain operations which do not require high per-
formance and can subsequently reduce power con-
sumption.
The SLOW Mode is sourced from the LXT or the LIRC
oscillators and therefore requires these oscillators to be
stable before full mode switching occurs. This is moni-
tored using the LTO bit in the SMOD register.
S L O W M o d e
S L E E P 0 M o d e
S L E E P 1 M o d e
I D E L 0 M o d e
I D L E 1 M o d e
N O R M A L M o d e
C K S 2 ~ C K S 0 = 0 0 x B &
H L C L K = 0
W D T a n d L V D a r e a l l o f f
I D L E N = 0
H A L T i n s t r u c t i o n i s e x e c u t e d
W D T o r L V D i s o n
I D L E N = 0
H A L T i n s t r u c t i o n i s e x e c u t e d
I D L E N = 1 , F S Y S O N = 0
H A L T i n s t r u c t i o n i s e x e c u t e d
I D L E N = 1 , F S Y S O N = 1
H A L T i n s t r u c t i o n i s e x e c u t e d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com