Electronic Components Datasheet Search
  English  ▼

X  

HT66FU30 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT66FU30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU30 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT66FU30 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 33Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
30
June 4, 2010
EEPROM Data Memory
The device contains an area of internal EEPROM Data
Memory. EEPROM, which stands for Electrically Eras-
able Programmable Read Only Memory, is by its nature
a non-volatile form of re-programmable memory, with
data retention even when its power supply is removed.
By incorporating this kind of data memory, a whole new
host of application possibilities are made available to the
designer. The availability of EEPROM storage allows in-
formation such as product identification numbers, cali-
bration values, specific user data, system setup data or
other product information to be stored directly within the
product microcontroller. The process of reading and
writing data to the EEPROM memory has been reduced
to a very trivial affair.
EEPROM Data Memory Structure
The EEPROM Data Memory capacity varies from 32x8
to 256
´8 bits, according to the device selected. Unlike
the Program Memory and RAM Data Memory, the
EEPROM Data Memory is not directly mapped into
memory space and is therefore not directly addressable
in the same way as the other types of memory. Read
and Write operations to the EEPROM are carried out in
single byte operations using an address and data regis-
ter in Bank 0 and a single control register in Bank 1.
Device
Capacity
Address
HT66F20
32
´8
00H ~ 1FH
HT66F30
64
´8
00H ~ 3FH
HT66F40
128
´8
00H ~ 7FH
HT66F50/HT66F60
256
´8
00H ~ FFH
EEPROM Registers
Three registers control the overall operation of the inter-
nal EEPROM Data Memory. These are the address reg-
ister, EEA, the data register, EED and a single control
register, EEC. As both the EEA and EED registers are lo-
cated in Bank 0, they can be directly accessed in the
same was as any other Special Function Register. The
EEC register however, being located in Bank1, cannot be
directly addressed directly and can only be read from or
written to indirectly using the MP1 Memory Pointer and
Indirect Addressing Register, IAR1. Because the EEC
control register is located at address 40H in Bank 1, the
MP1 Memory Pointer must first be set to the value 40H
and the Bank Pointer register, BP, set to the value, 01H,
before any operations on the EEC register are executed.
· EEPROM Register List
¨ HT66F20
Name
Bit
76543210
EEA
¾¾¾
D4
D3
D2
D1
D0
EED
D7
D6
D5
D4
D3
D2
D1
D0
EEC
¾¾¾¾
WREN
WR
RDEN
RD
¨ HT66F30
Name
Bit
76543210
EEA
¾¾
D5
D4
D3
D2
D1
D0
EED
D7
D6
D5
D4
D3
D2
D1
D0
EEC
¾¾¾¾
WREN
WR
RDEN
RD
¨ HT66F40
Name
Bit
76543210
EEA
¾
D6
D5
D4
D3
D2
D1
D0
EED
D7
D6
D5
D4
D3
D2
D1
D0
EEC
¾¾¾¾
WREN
WR
RDEN
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com