Electronic Components Datasheet Search
  English  ▼

X  

HT66FU30 Datasheet(PDF) 155 Page - Holtek Semiconductor Inc

Part # HT66FU30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU30 Datasheet(HTML) 155 Page - Holtek Semiconductor Inc

Back Button HT66FU30 Datasheet HTML 151Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 152Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 153Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 154Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 155Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 156Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 157Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 158Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 159Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
155
June 4, 2010
the master that a slave device has accepted its calling
address. If no acknowledge signal is received by the
master then a STOP signal must be transmitted by the
master to end the communication. When the HAAS flag
is high, the addresses have matched and the slave de-
vice must check the SRW flag to determine if it is to be a
transmitter or a receiver. If the SRW flag is high, the
slave device should be setup to be a transmitter so the
HTX bit in the SIMC1 register should be set to
²1².Ifthe
SRW flag is low, then the microcontroller slave device
should be setup as a receiver and the HTX bit in the
SIMC1 register should be set to
²0².
I
2C Bus Data and Acknowledge Signal
The transmitted data is 8-bits wide and is transmitted af-
ter the slave device has acknowledged receipt of its
slave address. The order of serial bit transmission is the
MSB first and the LSB last. After receipt of 8-bits of data,
the receiver must transmit an acknowledge signal, level
²0², before it can receive the next data byte. If the slave
transmitter does not receive an acknowledge bit signal
from the master receiver, then the slave transmitter will
release the SDA line to allow the master to send a STOP
signal to release the I
2C Bus. The corresponding data
will be stored in the SIMD register. If setup as a transmit-
ter, the slave device must first write the data to be trans-
mitted into the SIMD register. If setup as a receiver, the
slave device must read the transmitted data from the
SIMD register.
When the slave receiver receives the data byte, it must
generate an acknowledge bit, known as TXAK, on the
9th clock. The slave device, which is setup as a trans-
mitter will check the RXAK bit in the SIMC1 register to
determine if it is to send another data byte, if not then it
will release the SDA line and await the receipt of a STOP
signal from the master.
D a t a
1
0
1
0
0
1
0
0
1
0
0
1
0
1
0
1
1
S = S t a r t ( 1 b i t )
S A = S l a v e A d d r e s s ( 7 b i t s )
S R = S R W b i t ( 1 b i t )
M = S l a v e d e v i c e s e n d a c k n o w l e d g e b i t ( 1 b i t )
D = D a t a ( 8 b i t s )
A = A C K ( R X A K b i t f o r t r a n s m i t t e r , T X A K b i t f o r r e c e i v e r 1 b i t )
P = S t o p ( 1 b i t )
S C L
S t a r t
S D A
S R W
A C K
A C K
S t o p
S C L
S D A
S l a v e A d d r e s s
S
S A
S R
M
D
A
D
A
S
S A
S R
M
D
A
D
A
P
Note:
* When a slave address is matched, the device must be placed in either the transmit mode and then write data
to the SIMD register, or in the receive mode where it must implement a dummy read from the SIMD register to
release the SCL line.
I
2C Communication Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com