Electronic Components Datasheet Search
  English  ▼

X  

MAX3799 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3799
Description  1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3799 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3799 Datasheet HTML 9Page - Maxim Integrated Products MAX3799 Datasheet HTML 10Page - Maxim Integrated Products MAX3799 Datasheet HTML 11Page - Maxim Integrated Products MAX3799 Datasheet HTML 12Page - Maxim Integrated Products MAX3799 Datasheet HTML 13Page - Maxim Integrated Products MAX3799 Datasheet HTML 14Page - Maxim Integrated Products MAX3799 Datasheet HTML 15Page - Maxim Integrated Products MAX3799 Datasheet HTML 16Page - Maxim Integrated Products MAX3799 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
1Gbps to 14Gbps, SFP+ Multirate Limiting
Amplifier and VCSEL Driver
______________________________________________________________________________________
13
Pin Description
PIN
NAME
FUNCTION
1
LOS
Loss-of-Signal Output, Open Drain. The default polarity of LOS is high when the level of the input
signal is below the preset threshold set by the SET_LOS DAC. Polarity of the LOS function can be
inverted by setting LOS_POL = 0. The LOS circuitry can be disabled by setting the bit LOS_EN = 0.
2
RSEL
Mode-Select Input, TTL/CMOS. Set the RSEL pin or RATE_SEL bit (set by the 3-wire digital interface)
to logic-high for high-bandwidth mode. Setting RSEL and RATE_SEL logic-low for high-gain mode.
The RSEL pin is internally pulled down by a 75k
resistor to ground.
3, 6, 27, 30
VCCR
Power Supply. Provides supply voltage to the receiver block.
4
ROUT+
Noninverted Receive Data Output, CML. Back-terminated for 50
load.
5
ROUT-
Inverted Receive Data Output, CML. Back-terminated for 50
load.
7
VCCD
Power Supply. Provides supply voltage for the digital block.
8
DISABLE
Transmitter Disable Input, TTL/CMOS. Set to logic-low for normal operation. Logic-high or open
disables both the modulation and bias current. Internally pulled up by an 8k
resistor to VCCT.
9
SCL
Serial-Clock Input, TTL/CMOS. This pin has a 75k
internal pulldown.
10
SDA
Serial-Data Bidirectional Input, TTL/CMOS. Open-drain output. This pin has a 75k
internal pullup,
but it requires an external 4.7k
pullup resistor to meet the 3-wire digital timing specification. (Data
line collision protection is implemented.)
11
CSEL
Chip-Select Input, TTL/CMOS. Setting CSEL to logic-high starts a cycle. Setting CSEL to logic-low
ends the cycle and resets the control state machine. Internally pulled down by a 75k
resistor to
ground.
12, 15, 18,
21, 24, 25
VCCT
Power Supply. Provides supply voltage to the transmitter block.
13
TIN+
Noninverted Transmit Data Input, CML
Typical Operating Characteristics—VCSEL Driver (continued)
(VCC = 3.3V, TA = +25°C, unless otherwise specified. Figure 1 shows the typical setup used for measurements. Registers are set to
default values unless otherwise noted, and the 3-wire interface is static during measurements. For testing, the RATE_SEL bit was
used and the RSEL pin was left open.)
DETERMINISTIC JITTER
vs. PULSE-WIDTH SETTING
SET_PWCTRL[3:0]
5
3
-5
-3
-1
1
3
4
5
6
7
8
9
10
2
-7
7
PATTERN = PRBS, DATA RATE = 10.32Gbps
EYE CROSSING
DOWN
UP
BIAS MONITOR CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
-25 -10
5
35
20
50
100
200
300
400
500
600
700
800
0
-40
95
IBIAS = 12mA
IBIAS = 8mA
IBIAS = 2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com