Electronic Components Datasheet Search
  English  ▼

X  

MAX3799 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX3799
Description  1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3799 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX3799 Datasheet HTML 17Page - Maxim Integrated Products MAX3799 Datasheet HTML 18Page - Maxim Integrated Products MAX3799 Datasheet HTML 19Page - Maxim Integrated Products MAX3799 Datasheet HTML 20Page - Maxim Integrated Products MAX3799 Datasheet HTML 21Page - Maxim Integrated Products MAX3799 Datasheet HTML 22Page - Maxim Integrated Products MAX3799 Datasheet HTML 23Page - Maxim Integrated Products MAX3799 Datasheet HTML 24Page - Maxim Integrated Products MAX3799 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1Gbps to 14Gbps, SFP+ Multirate Limiting
Amplifier and VCSEL Driver
______________________________________________________________________________________
21
ADDRESS
NAME
FUNCTION
H0x00
RXCTRL1
Receiver Control Register 1
H0x01
RXCTRL2
Receiver Control Register 2
H0x02
RXSTAT
Receiver Status Register
H0x03
SET_CML
Output CML Level Setting Register
H0x04
SET_LOS
LOS Threshold Level Setting Register
H0x05
TXCTRL
Transmitter Control Register
H0x06
TXSTAT1
Transmitter Status Register 1
H0x07
TXSTAT2
Transmitter Status Register 2
H0x08
SET_IBIAS
Bias Current Setting Register
H0x09
SET_IMOD
Modulation Current Setting Register
H0x0A
IMODMAX
Maximum Modulation Current Setting Register
H0x0B
IBIASMAX
Maximum Bias Current Setting Register
H0x0C
MODINC
Modulation Current Increment Setting Register
H0x0D
BIASINC
Bias Current Increment Setting Register
H0x0E
MODECTRL
Mode Control Register
H0x0F
SET_PWCTRL
Transmitter Pulse-Width Control Register
H0x10
SET_TXDE
Transmitter Deemphasis Control Register
Table 5. Register Descriptions and Addresses
CSEL
SCL
SDA
CSEL
SCL
SDA
1
2
3
4
56
78
A6
9
10
11121314
15
0
1
2
3
4
56
789
10
11
12
13
14
15
0
A5
A4
A3
A2
A1
RWN
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
RWN
WRITE MODE
READ MODE
A0
A6
A5
A4
A3
A2
A1
A0
tL
tL
tCH tCL
tDS
tDH
tCH tCL
tDS
tD
tDH
tT
tT
Figure 4. Timing for 3-Wire Digital Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com