Electronic Components Datasheet Search
  English  ▼

X  

MAX3799 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3799
Description  1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3799 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3799 Datasheet HTML 1Page - Maxim Integrated Products MAX3799 Datasheet HTML 2Page - Maxim Integrated Products MAX3799 Datasheet HTML 3Page - Maxim Integrated Products MAX3799 Datasheet HTML 4Page - Maxim Integrated Products MAX3799 Datasheet HTML 5Page - Maxim Integrated Products MAX3799 Datasheet HTML 6Page - Maxim Integrated Products MAX3799 Datasheet HTML 7Page - Maxim Integrated Products MAX3799 Datasheet HTML 8Page - Maxim Integrated Products MAX3799 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1Gbps to 14Gbps, SFP+ Multirate Limiting
Amplifier and VCSEL Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 2.85V to 3.63V, TA = -40°C to +85°C, CML receiver output load is AC-coupled to differential 100
Ω, CAZ = 1nF, transmitter out-
put load is AC-coupled to differential 100
Ω (see Figure 1), typical values are at +25°C, VCC = 3.3V, IBIAS = 6mA, IMOD = 6mA, unless
otherwise specified. Registers are set to default values unless otherwise noted, and the 3-wire interface is static during measure-
ments. For testing, the RATE_SEL bit was used and the RSEL pin was left open.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCCR, VCCT, VCCD.................................................-0.3V to +4.0V
Voltage Range at DISABLE, SDA, SCL, CSEL,
RSEL, FAULT, BMON, LOS, CAZ2.........-0.3V to (VCC + 0.3V)
Voltage Range at ROUT+, ROUT- .....(VCC - 1V) to (VCC + 0.3V)
Voltage at TIN+, TIN-........................(VCC - 2.5V) to (VCC - 0.5V)
Voltage Range at TOUT+, TOUT- ......(VCC - 2V) to (VCC + 0.3V)
Voltage at BIAS ............................................................0V to VCC
Voltage at RIN+, RIN- ..........................(VCC - 2V) to (VCC - 0.2V)
Current Range into FAULT, LOS...........................-1mA to +5mA
Current Range into SDA........................................-1mA to +1mA
Current into ROUT+, ROUT- ...............................................40mA
Current into TOUT+, TOUT- ................................................60mA
Continuous Power Dissipation (TA = +70
°C)
32-Pin TQFN (derate 34.5W/°C above +70°C) ...........2759mW
Operating Junction Temperature Range ...........-55°C to +150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Power-Supply Current
ICC
Includes the CML output current;
excludes IBIAS = 6mA, IMOD = 6mA,
VDIFF_ROUT = 400mVP-P (Note 1)
97
150
mA
Power-Supply Voltage
VCC
2.85
3.63
V
GENERAL
Input Data Rate
1.0625
10.32
Gbps
Input/Output SNR
14.1
BER
10E-12
POWER-ON RESET
High POR Threshold
2.55
2.75
V
Low POR Threshold
IBIAS = IBIASOFF and IMOD = IMODOFF
2.3
2.45
V
Rx INPUT SPECIFICATIONS
Differential Input Resistance
RIN+/RIN-
RIN_DIFF
75
100
125
RATE_SEL = 0 (1.25Gbps)
1
3
Input Sensitivity (Note 2)
VINMIN
RATE_SEL = 1 (10.32Gbps)
3
8
mVP-P
Input Overload
VINMAX
1.2
VP-P
DUT is powered on, f
5GHz
14
Input Return Loss
SDD11
DUT is powered on, f
16GHz
7
dB
DUT is powered on, 1GHz < f
5GHz
8
Input Return Loss
SCC11
DUT is powered on, 1GHz < f
16GHz
8
dB
Rx OUTPUT SPECIFICATIONS
Differential Output Resistance
ROUTDIFF
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com