Electronic Components Datasheet Search
  English  ▼

X  

MAX9867 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX9867
Description  Ultra-Low Power Stereo Audio Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9867 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX9867 Datasheet HTML 23Page - Maxim Integrated Products MAX9867 Datasheet HTML 24Page - Maxim Integrated Products MAX9867 Datasheet HTML 25Page - Maxim Integrated Products MAX9867 Datasheet HTML 26Page - Maxim Integrated Products MAX9867 Datasheet HTML 27Page - Maxim Integrated Products MAX9867 Datasheet HTML 28Page - Maxim Integrated Products MAX9867 Datasheet HTML 29Page - Maxim Integrated Products MAX9867 Datasheet HTML 30Page - Maxim Integrated Products MAX9867 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
Ultra-Low Power Stereo Audio Codec
______________________________________________________________________________________
27
BITS
FUNCTION
TDM
TDM Mode Select
0 = LRCLK signal polarity indicates left and right audio.
1 = LRCLK is a framing pulse that transitions polarity to indicate the start of a frame of audio data consisting
of multiple channels.
When operating in TDM mode, the left channel is output immediately following the frame sync pulse. If right-
channel data is being transmitted, the 2nd channel of data immediately follows the 1st channel data.
DMONO
Mono Playback Mode
0 = Stereo data input on SDIN is processed separately.
1 = Stereo data input on SDIN is mixed to a single channel and routed to both the left and right DAC.
BSEL
BCLK Select
Configures BCLK when operating in master mode. BSEL has no effect in slave mode. Set BSEL = 010, unless
sharing the bus with multiple devices:
000 = Off
001 = 64x LRCLK (192x internal clock divided by 3)
010 = 48x LRCLK (192x internal clock divided by 4)
011 = Reserved for future use.
100 = PCLK/2
101 = PCLK/4
110 = PCLK/8
111 = PCLK/16
Table 6. Digital Audio Interface Registers (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55