Electronic Components Datasheet Search
  English  ▼

X  

25AA1024 Datasheet(PDF) 3 Page - Microchip Technology

Part # 25AA1024
Description  1 Mbit SPI Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024 Datasheet(HTML) 3 Page - Microchip Technology

  25AA1024 Datasheet HTML 1Page - Microchip Technology 25AA1024 Datasheet HTML 2Page - Microchip Technology 25AA1024 Datasheet HTML 3Page - Microchip Technology 25AA1024 Datasheet HTML 4Page - Microchip Technology 25AA1024 Datasheet HTML 5Page - Microchip Technology 25AA1024 Datasheet HTML 6Page - Microchip Technology 25AA1024 Datasheet HTML 7Page - Microchip Technology 25AA1024 Datasheet HTML 8Page - Microchip Technology 25AA1024 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
 2010 Microchip Technology Inc.
DS21836H-page 3
25AA1024
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I)*:
TA = 0°C to +85°C
VCC = 1.8V to 5.5V
Industrial (I):
TA = -40°C to +85°C
VCC = 2.0V to 5.5V
*Limited industrial temp range.
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock frequency
—
—
—
20
10
2
MHz
MHz
MHz
4.5
VCC 5.5
2.5
VCC 5.5
1.8
 VCC <2.5 at 0°C to +85°C
2.0
 VCC <2.5 at -40°C to +85°C
2TCSS
CS setup time
25
50
250
—
—
—
ns
ns
ns
4.5
VCC 5.5
2.5
VCC 5.5
1.8
 VCC <2.5 at 0°C to +85°C
2.0
 VCC <2.5 at -40°C to +85°C
3TCSH
CS hold time
50
100
500
—
—
—
ns
ns
ns
4.5
VCC 5.5
2.5
VCC 5.5
1.8
 VCC <2.5 at 0°C to +85°C
2.0
 VCC <2.5 at -40°C to +85°C
(Note 3)
4TCSD
CS disable time
50
—
ns
—
5
Tsu
Data setup time
5
10
50
—
—
—
ns
ns
ns
4.5
VCC 5.5
2.5
VCC 5.5
1.8
 VCC <2.5 at 0°C to +85°C
2.0
 VCC <2.5 at -40°C to +85°C
6THD
Data hold time
10
20
100
—
—
—
ns
ns
ns
4.5
VCC 5.5
2.5
VCC 5.5
1.8
 VCC <2.5 at 0°C to +85°C
2.0
 VCC <2.5 at -40°C to +85°C
7TR
CLK rise time
—
20
ns
(Note 1)
8TF
CLK fall time
—
20
ns
(Note 1)
9THI
Clock high time
25
50
250
—
—
—
ns
ns
ns
4.5
VCC 5.5
2.5
VCC 5.5
1.8
 VCC <2.5 at 0°C to +85°C
2.0
 VCC <2.5 at -40°C to +85°C
10
TLO
Clock low time
25
50
250
—
—
ns
ns
ns
4.5
VCC 5.5
2.5
VCC 5.5
1.8
 VCC <2.5 at 0°C to +85°C
2.0
 VCC <2.5 at -40°C to +85°C
11
TCLD
Clock delay time
50
—
ns
—
12
TCLE
Clock enable time
50
—
ns
—
13
TV
Output valid from clock
low
—
—
—
25
50
250
ns
ns
ns
4.5
VCC 5.5
2.8
VCC 5.5
1.8
 VCC <2.5 at 0°C to +85°C
2.0
 VCC <2.5 at -40°C to +85°C
14
THO
Output hold time
0
—
ns
(Note 1)
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is not tested but established by characterization and qualification. For endurance
estimates in a specific application, please consult the Total Endurance™ Model which can be obtained
from Microchip’s web site at www.microchip.com.
3: Includes THI time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com