Electronic Components Datasheet Search
  English  ▼

X  

25AA1024 Datasheet(PDF) 7 Page - Microchip Technology

Part # 25AA1024
Description  1 Mbit SPI Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 25AA1024 Datasheet HTML 3Page - Microchip Technology 25AA1024 Datasheet HTML 4Page - Microchip Technology 25AA1024 Datasheet HTML 5Page - Microchip Technology 25AA1024 Datasheet HTML 6Page - Microchip Technology 25AA1024 Datasheet HTML 7Page - Microchip Technology 25AA1024 Datasheet HTML 8Page - Microchip Technology 25AA1024 Datasheet HTML 9Page - Microchip Technology 25AA1024 Datasheet HTML 10Page - Microchip Technology 25AA1024 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
 2010 Microchip Technology Inc.
DS21836H-page 7
25AA1024
2.0
FUNCTIONAL DESCRIPTION
2.1
Principles of Operation
The 25AA1024 is a 131,072 byte Serial EEPROM
designed to interface directly with the Serial Peripheral
Interface (SPI) port of many of today’s popular
microcontroller families, including Microchip’s PIC®
microcontrollers. It may also interface with microcon-
trollers that do not have a built-in SPI port by using
discrete I/O lines programmed properly in firmware to
match the SPI protocol.
The 25AA1024 contains an 8-bit instruction register.
The device is accessed via the SI pin, with data being
clocked in on the rising edge of SCK. The CS pin must
be low and the HOLD pin must be high for the entire
operation.
Table 2-1 contains a list of the possible instruction
bytes and format for device operation. All instructions,
addresses and data are transferred MSB first, LSB last.
Data (SI) is sampled on the first rising edge of SCK
after CS goes low. If the clock line is shared with other
peripheral devices on the SPI bus, the user can assert
the HOLD input and place the 25AA1024 in ‘HOLD’
mode. After releasing the HOLD pin, operation will
resume from the point when the HOLD was asserted.
BLOCK DIAGRAM
TABLE 2-1:
INSTRUCTION SET
SI
SO
SCK
CS
HOLD
WP
STATUS
Register
I/O Control
Memory
Control
Logic
X
Dec
HV Generator
EEPROM
Array
Page Latches
Y Decoder
Sense Amp.
R/W Control
Logic
VCC
VSS
Instruction Name
Instruction Format
Description
READ
0000 0011
Read data from memory array beginning at selected address
WRITE
0000 0010
Write data to memory array beginning at selected address
WREN
0000 0110
Set the write enable latch (enable write operations)
WRDI
0000 0100
Reset the write enable latch (disable write operations)
RDSR
0000 0101
Read STATUS register
WRSR
0000 0001
Write STATUS register
PE
0100 0010
Page Erase – erase one page in memory array
SE
1101 1000
Sector Erase – erase one sector in memory array
CE
1100 0111
Chip Erase – erase all sectors in memory array
RDID
1010 1011
Release from Deep power-down and read electronic signature
DPD
1011 1001
Deep Power-Down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com