Electronic Components Datasheet Search
  English  ▼

X  

25AA1024 Datasheet(PDF) 8 Page - Microchip Technology

Part # 25AA1024
Description  1 Mbit SPI Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 25AA1024 Datasheet HTML 4Page - Microchip Technology 25AA1024 Datasheet HTML 5Page - Microchip Technology 25AA1024 Datasheet HTML 6Page - Microchip Technology 25AA1024 Datasheet HTML 7Page - Microchip Technology 25AA1024 Datasheet HTML 8Page - Microchip Technology 25AA1024 Datasheet HTML 9Page - Microchip Technology 25AA1024 Datasheet HTML 10Page - Microchip Technology 25AA1024 Datasheet HTML 11Page - Microchip Technology 25AA1024 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
25AA1024
DS21836H-page 8
 2010 Microchip Technology Inc.
Read Sequence
The device is selected by pulling CS low. The 8-bit
READ instruction is transmitted to the 25AA1024
followed by the 24-bit address, with seven MSBs of the
address being “don’t care” bits. After the correct READ
instruction and address are sent, the data stored in the
memory at the selected address is shifted out on the
SO pin.
The data stored in the memory at the next address can
be read sequentially by continuing to provide clock
pulses. The internal Address Pointer is automatically
incremented to the next higher address after each byte
of data is shifted out. When the highest address is
reached (1FFFFh), the address counter rolls over to
address, 00000h, allowing the read cycle to be contin-
ued indefinitely. The read operation is terminated by
raising the CS pin (Figure 2-1).
FIGURE 2-1:
READ SEQUENCE
SO
SI
SCK
CS
0
23456789 10 11
29 30 31 32 33 34 35 36 37 38 39
1
01
0
0
0
0
01
23 22 21 20
210
765
43210
Instruction
24-bit Address
Data Out
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com